Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE82A Datasheet(PDF) 1 Page - Motorola, Inc

Part # P6KE82A
Description  ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

P6KE82A Datasheet(HTML) 1 Page - Motorola, Inc

  P6KE82A Datasheet HTML 1Page - Motorola, Inc P6KE82A Datasheet HTML 2Page - Motorola, Inc P6KE82A Datasheet HTML 3Page - Motorola, Inc P6KE82A Datasheet HTML 4Page - Motorola, Inc P6KE82A Datasheet HTML 5Page - Motorola, Inc P6KE82A Datasheet HTML 6Page - Motorola, Inc P6KE82A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
4-7
600 Watt Peak Power Data Sheet
Zener Transient Voltage Suppressors
Undirectional and Bidirectional
The P6KE6.8A series is designed to protect voltage sensitive components from high
voltage, high energy transients. They have excellent clamping capability, high surge
capability, low zener impedance and fast response time. The P6KE6.8A series is supplied
in Motorola’s exclusive, cost-effective, highly reliable Surmetic axial leaded package and
is ideally-suited for use in communication systems, numerical controls, process controls,
medical equipment, business machines, power supplies and many other industrial/
consumer applications.
Specification Features:
Standard Zener Voltage Range — 6.8 to 200 Volts
Peak Power — 600 Watts @ 1 ms
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5 µA Above 10 Volts
Maximum Temperature Coefficient Specified
UL Recognition
Response Time is Typically < 1 ns
Mechanical Characteristics:
CASE: Void-free, transfer-molded, thermosetting plastic
FINISH: All external surfaces are corrosion resistant and leads are readily solderable
POLARITY: Cathode indicated by polarity band. When operated in zener mode, will be
positive with respect to anode
MOUNTING POSITION: Any
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Seoul, Korea
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation (1)
@ TL ≤ 25°C
PPK
600
Watts
Steady State Power Dissipation
@ TL ≤ 75°C, Lead Length = 3/8″
Derated above TL = 75°C
PD
5
50
Watts
mW/
°C
Forward Surge Current (2)
@ TA = 25°C
IFSM
100
Amps
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +175
°C
Lead Temperature not less than 1/16
″ from the case for 10 seconds: 230°C
NOTES: 1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 2.
NOTES: 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
P6KE6.8A
through
P6KE200A
ZENER OVERVOLTAGE
TRANSIENT
SUPPRESSORS
6.8–200 VOLT
600 WATT PEAK POWER
5 WATTS STEADY STATE
CASE 17, Style 1
PLASTIC


Similar Part No. - P6KE82A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE82A PANJIT-P6KE82A Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
ON Semiconductor
P6KE82A ONSEMI-P6KE82A Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
logo
UNIOHM CORPORATION
P6KE82A UNIOHM-P6KE82A Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Jinan Jing Heng Electro...
P6KE82A JINGHENG-P6KE82A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
SUNMATE electronic Co.,...
P6KE82A SUNMATE-P6KE82A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE82A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
   Zener Overvoltage Transient Suppressors
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
Motorola, Inc
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB50AT3 MOTOROLA-1SMB50AT3 Datasheet
50Kb / 5P
   PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Littelfuse
SZP6SMB LITTELFUSE-SZP6SMB Datasheet
652Kb / 7P
   Surface Mount > 600W Zener Transient Overvoltage Suppressors
Revised: GD. 01/08/21
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
   Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
logo
Bourns Electronic Solut...
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com