Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWM11BA1B-B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # JWM11BA1B-B
Description  High Inrush 10 & 16 Amp Rockers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWM11BA1B-B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  JWM11BA1B-B Datasheet HTML 1Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 2Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 3Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 4Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 5Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 6Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 7Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 8Page - List of Unclassifed Manufacturers JWM11BA1B-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
www.nkk.com
B47
B
OPTIONAL DUST COVER
(42.0)
1.654
(33.0)
1.299
(8.6)
.339
(2.6)
.102
(22.2)
.874
Top
Side
Bottom
Assembly Instructions:
1. Insert bottom of switch through the base until
the tabs lock into place.
2. Snap the switch into the panel.
3. Seat the lid into the grooves of the base.
Notes
1. The dust cover is not for use with JWLW.
2. The dust cover cannot be used with the barrier option.
AT4126
Dust Cover for JWL Rocker
When installed, the Dust Cover protects the switch from an environment containing
small particles and dust. The switch is operable with the Dust Cover in place.
Materials:
Recommended Temperature Range:
Lid: Clear Polyvinyl Chloride
–10° ~ +70°C (+14°F ~ +158°F)
Base: Black Polyamide
Loses pliability below 0°C (+32°F)
Recommended Panel Thickness:
.031” ~ .134” (0.8mm ~ 3.4mm)
Switch
Lid
Base
Groove
Groove
TYPICAL SWITCH DIMENSIONS FOR JWLW
(24.4)
.961
(17.6)
.693
(27.0)
1.063
Part No.
(0.8) Typ
.031
(21.3)
.839
(2.7)
.106
(7.5)
.295
(28.0)
1.102
(7.9)
.311
(20.2)
.795
26°
(9.8) Typ
.386
2b
1b
COM
COM
2a
1a
(4.75) Typ
.187
(9.0)
.354
(37.3)
1.469
(20.0)
.787
21
DoublePoleDoubleThrow
PanelSeal•16Amp•NoInscription
JWLW22RAA


Similar Part No. - JWM11BA1B-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWM11BA1B-B NKK-JWM11BA1B-B Datasheet
312Kb / 9P
   General Specifications
JWM11BA1B-B NKK-JWM11BA1B-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWM11BA1B-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
   High Capacity Rockers
logo
American Zettler, Inc.
AZ7695 AZETTLER-AZ7695 Datasheet
575Kb / 2P
   80 Amp inrush current
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
   8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com