Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0048BA02644S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0048BA02644S
Description  48 MHz SAW Filter 10 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0048BA02644S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0048BA02644S Datasheet HTML 1Page - API Technologies Corp SF0048BA02644S Datasheet HTML 2Page - API Technologies Corp SF0048BA02644S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
48 MHz SAW Filter
10 MHz Bandwidth
Part Number SF0048BA02644S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0048BA02644S Rev X4 10-Feb-11
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC 1
-
48
-
MHz
Insertion Loss
-
13.5
16.0
dB
Passband Ripple (Fc ± 4.25 MHz)
-
0.6
1.2
dB p-p
1 dB Bandwidth 2
9.0
10.1
-
MHz
3 dB Bandwidth 2
-
10.5
-
MHz
Group Delay Variation (Fc ± 4.5 MHz) 2
120
220
nsec
Stopband Rejection (Fc ± 5.5 MHz) 2
-
5.5
-
dB
Stopband Rejection (Fc ± 7.5 MHz) 2
35
43
-
dB
Stopband Rejection (Fc ± 10.0 MHz) 2
40
53
-
dB
Stopband Rejection (63.0 to 73.0 MHz) 2
40
52
-
dB
Stopband Rejection (23.0 to 33.0 MHz) 2
40
68
-
dB
Source and Load Impedance
50 Ω, 2 kΩ//3 pF
Frequency Stability
-300
-
300
kHz
Notes:
1. Reference frequency. Computed as mean of the 3 dB frequencies.
2. All dB values are referenced to the insertion loss value.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-40
85
˚C
Input Power Level
-
+10
dBm
MATCHING CIRCUIT
L1= 890 nH, L2 = L3 = 47 nH, L4 = 970 nH, C1 = C2 = 36 pF
Notes:
Recommend 2% or better tolerance matching components. Typical inductor Q=40.
Optimum values may change depending on board layout. Values shown are intended as a
guide only.
Pa RKP
dNRKP


Similar Part No. - SF0048BA02644S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0048BA02645S APITECH-SF0048BA02645S Datasheet
199Kb / 3P
   48 MHz SAW Filter 3.5 MHz Bandwidth
More results

Similar Description - SF0048BA02644S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1575BA02534S APITECH-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
SF0048BA02645S APITECH-SF0048BA02645S Datasheet
199Kb / 3P
   48 MHz SAW Filter 3.5 MHz Bandwidth
SF0048BA02455S APITECH-SF0048BA02455S Datasheet
149Kb / 3P
   48 MHz SAW Filter 8 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02534S SPECTRUM-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02487S APITECH-SF0140BA02487S Datasheet
161Kb / 3P
   140 MHz SAW Filter 10 MHz Bandwidth
SF0070BA03089S APITECH-SF0070BA03089S Datasheet
172Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
SF0044BA01954T APITECH-SF0044BA01954T Datasheet
109Kb / 3P
   44.1 MHz SAW Filter 10 MHz Bandwidth
SF0156BA02422S APITECH-SF0156BA02422S Datasheet
171Kb / 3P
   156 MHz SAW Filter 10 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02503S APITECH-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com