Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSALF8M00T55-B0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # CSALF8M00T55-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSALF8M00T55-B0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  CSALF8M00T55-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
仕様書番号
Drawing No. JGC40-3562
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 4/12
端子強度
Terminal
Strength
引張強度
Terminal
Pulling
各端子の軸方向に9.8Nの静荷重を10秒間加え
る。
Force of 9.8N is applied to each lead in axial
direction for 10 seconds.
端子の抜け及びガタが
なく表 1 及び 4-3 を満
足します。
No visible damage and
the measured values
shall meet Table 1 and
4-3.
5-5
屈曲強度
Terminal
Bending
端子根本より 2mm の部分を固定し、固定部よ
り本体を 90゜折り曲げ元に戻し、さらに逆方
向へ 90゜折り曲げ元に戻す。曲げる速さは、
各方向一曲げ約 3 秒とする。
After lead terminals shall be fixed at 2mm from
resonator's body, they shall be folded up to 90°
from their axial direction and folded back to
-90°, then folded back to their axial direction.
The speed of fold shall be 3 seconds each.
端子切れ及び折れがあ
りません。
No Cutting off.
5-6 耐洗浄性
Washability
表 2 に示します。
See Table 2.
外観に異常がなく、表
1 及び 4-3 を満足しま
す。
No visible damage and
the measured values
shall meet Table 1 and
4-3.


Similar Part No. - CSALF8M00T55-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSALF4M00G55-B0 MURATA-CSALF4M00G55-B0 Datasheet
343Kb / 11P
   Specification of Piezoelectic Ceramic Resonator
More results

Similar Description - CSALF8M00T55-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com