Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT32UC3L0256-ZAUR Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT32UC3L0256-ZAUR
Description  32-bit Atmel AVR Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3L0256-ZAUR Datasheet(HTML) 4 Page - ATMEL Corporation

  AT32UC3L0256-ZAUR Datasheet HTML 1Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 2Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 3Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 4Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 5Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 6Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 7Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 8Page - ATMEL Corporation AT32UC3L0256-ZAUR Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
4
32145BS–01/2012
AT32UC3L0128/256
The Frequency Meter (FREQM) allows accurate measuring of a clock frequency by comparing it
to a known reference clock.
The device includes six identical 16-bit Timer/Counter (TC) channels. Each channel can be inde-
pendently programmed to perform frequency measurement, event counting, interval
measurement, pulse generation, delay timing, and pulse width modulation.
The Pulse Width Modulation controller (PWMA) provides 8-bit PWM channels which can be syn-
chronized and controlled from a common timer. One PWM channel is available for each I/O pin
on the device, enabling applications that require multiple PWM outputs, such as LCD backlight
control. The PWM channels can operate independently, with duty cycles set individually, or in
interlinked mode, with multiple channels changed at the same time.
The AT32UC3L0128/256 also features many communication interfaces, like USART, SPI, and
TWI, for communication intensive applications. The USART supports different communication
modes, like SPI Mode and LIN Mode.
A general purpose 8-channel ADC is provided, as well as eight analog comparators (AC). The
ADC can operate in 10-bit mode at full speed or in enhanced mode at reduced speed, offering
up to 12-bit resolution. The ADC also provides an internal temperature sensor input channel.
The analog comparators can be paired to detect when the sensing voltage is within or outside
the defined reference window.
The Capacitive Touch (CAT) module senses touch on external capacitive touch sensors, using
the QTouch technology. Capacitive touch sensors use no external mechanical components,
unlike normal push buttons, and therefore demand less maintenance in the user application.
The CAT module allows up to 17 touch sensors, or up to 16 by 8 matrix sensors to be interfaced.
All touch sensors can be configured to operate autonomously without software interaction,
allowing wakeup from sleep modes when activated.
Atmel offers the QTouch library for embedding capacitive touch buttons, sliders, and wheels
functionality into AVR microcontrollers. The patented charge-transfer signal acquisition offers
robust sensing and includes fully debounced reporting of touch keys as well as Adjacent Key
Suppression® (AKS®) technology for unambiguous detection of key events. The easy-to-use
QTouch Suite toolchain allows you to explore, develop, and debug your own touch applications.
The AT32UC3L0128/256 integrates a class 2+ Nexus 2.0 On-chip Debug (OCD) System, with
non-intrusive real-time trace and full-speed read/write memory access, in addition to basic run-
time control. The NanoTrace interface enables trace feature for aWire- or JTAG-based
debuggers. The single-pin aWire interface allows all features available through the JTAG inter-
face to be accessed through the RESET pin, allowing the JTAG pins to be used for GPIO or
peripherals.


Similar Part No. - AT32UC3L0256-ZAUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L0256 ATMEL-AT32UC3L0256 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
575Kb / 39P
   Read-modify-write Instructions and Atomic Bit Manipulation
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
More results

Similar Description - AT32UC3L0256-ZAUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com