Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4K00J Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 4K00J
Description  Power Chip짰 Thick Film on Alumina Substrate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

4K00J Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  4K00J Datasheet HTML 1Page - Ohmite Mfg. Co. 4K00J Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
THick Film
AluminA
TA Series
Power Chip®
Thick Film on Alumina Substrate
Series
Wattage
TA203
3.0
TA303
3.0
Substrate Alumina
Resistor Thick Film
Coating Glass
Terminals Solder Plated Phosphor Bronze
Thermal Conductivity 20 Watts/Meter/°C
Temperature Coefficient 1 ohm:
450 ppm/°C
1 to 100Ω:
100 ppm/°C
101Ω and up: 50 ppm/°C
Tolerance ±1%, ±5% and ±10%
Power Rating Based on 25°C free air
Resistance Range 0.25 ohm to 10M ohm. Consult factory for other values
Maximum Operating Voltage 350 VAC, 500 VDC through glass, 1000 VAC, 1500 VDC through substrate
Overload Five times rated power, as long as the one second average dissipation does not exceed the wattage rat-
ing. ∆R: ±2%, 2000 hours
Derating 100% @ 25°C to 0% @ 180°C ambient.
Ohmite’s original Power Chip resistors feature our
thick film on alumina substrate technology. These
planar packages yield space saving, 10W/in2 power
densities that require over 50% less board space
than other radial packages. Convection cooling is
maximized by the planar package configuration
which dissipates heat well above board level.
Ohmite’s power chip resistors have a 125% higher
operating temperature range than competitive prod-
uct of similar design. High temperature solder and
in-process plating keep terminations secure under
self-heating effects by preventing re-flow from full
power operation.
Flexible packaging schemes make these resistors
ideal for power supplies, audio amplifiers, video fly-
back, and other power control applications.
Fe A T ure S
• High-Temp Terminal Construction
• Wide Resistance Range
• Low Inductance (50nH-100nH)
• High Power Density
• Easy to install. PC-mountable
ch A r A c T eri ST ic S
S erie S SP eci F ic AT i ONS
Series
Wattage
TA205
5.0
TA305
5.0
TA605
5.0
TA805
5.0
Series
Wattage
TA207
7.5
TA307
7.5
Series
Wattage
TA310
10.0
TA810
10.0
Series
Wattage
TA025
25.0
TA050
50.0
TA100
100.0


Similar Part No. - 4K00J

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
4K08-660 COOPER-4K08-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
4K09-660 COOPER-4K09-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 4K00J

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
logo
List of Unclassifed Man...
TA203PA ETC1-TA203PA Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TP810PW10R0JE OHMITE-TP810PW10R0JE Datasheet
204Kb / 2P
   High Energy Thick Film on Alumina Substrate
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
   Thick film on Alumina
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
logo
Ohmite Mfg. Co.
TC025PA5R00JE OHMITE-TC025PA5R00JE Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
TC010PA OHMITE-TC010PA Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
logo
Vishay Siliconix
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
   Thin Film 0510 Size Resistor on Alumina
Revision: 27-May-13
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
   Thin Film 0402 Size Resistor on Alumina
Revision: 27-May-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com