Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJB105M006KRJ Datasheet(PDF) 5 Page - AVX Corporation

Part # TRJB105M006KRJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJB105M006KRJ Datasheet(HTML) 5 Page - AVX Corporation

  TRJB105M006KRJ Datasheet HTML 1Page - AVX Corporation TRJB105M006KRJ Datasheet HTML 2Page - AVX Corporation TRJB105M006KRJ Datasheet HTML 3Page - AVX Corporation TRJB105M006KRJ Datasheet HTML 4Page - AVX Corporation TRJB105M006KRJ Datasheet HTML 5Page - AVX Corporation TRJB105M006KRJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
48
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (A)
100kHz Ripple Voltage Ratings (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (m
Ω)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TRJE686*020#
E
68
20
10
6
490
580
522
232
284
256
114
TRJE686*020#0200
E
68
20
10
6
200
908
817
363
182
163
73
TRJE107*020#
E
100
20
15
6
300
742
667
297
222
200
89
TRJE107*020#0150
E
100
20
15
6
150
1049
944
420
157
142
63
TRJA474*025#
A
0.47
25
0.30
4
9530
89
80
35
845
761
338
TRJA474*025#7000
A
0.47
25
0.30
4
7000
104
93
41
725
652
290
TRJA684*025#
A
0.68
25
0.30
4
7980
97
87
39
774
696
309
TRJA684*025#6000
A
0.68
25
0.30
4
6000
112
101
45
671
604
268
TRJA105*025#
A
1
25
0.30
4
6630
106
96
43
705
635
282
TRJA105*025#3000
A
1
25
0.30
4
3000
158
142
63
474
427
190
TRJA155*025#
A
1.5
25
0.30
6
5460
117
105
47
640
576
256
TRJA155*025#3000
A
1.5
25
0.30
6
3000
158
142
63
474
427
190
TRJA225*025#
A
2.2
25
0.41
6
2900
161
145
64
466
420
187
TRJA225*025#1600
A
2.2
25
0.41
6
1600
217
195
87
346
312
139
TRJB225*025#
B
2.2
25
0.41
6
4550
137
123
55
622
560
249
TRJB225*025#1200
B
2.2
25
0.41
6
1200
266
240
106
319
287
128
TRJB335*025#
B
3.3
25
0.62
6
3740
151
136
60
564
507
226
TRJB335*025#2000
B
3.3
25
0.62
6
2000
206
186
82
412
371
165
TRJB475*025#
B
4.7
25
0.88
6
3160
164
148
66
518
466
207
TRJB475*025#1000
B
4.7
25
0.88
6
1000
292
262
117
292
262
117
TRJB685*025#
B
6.8
25
1.30
6
1500
238
214
95
357
321
143
TRJB685*025#1000
B
6.8
25
1.30
6
1000
292
262
117
292
262
117
TRJC685*025#
C
6.8
25
1.3
6
1070
321
289
128
343
309
137
TRJC685*025#0600
C
6.8
25
1.3
6
600
428
385
171
257
231
103
TRJC106*025#
C
10
25
1.9
6
800
371
334
148
297
267
119
TRJC106*025#0600
C
10
25
1.9
6
600
428
385
171
257
231
103
TRJC156*025#
C
15
25
2.8
6
720
391
352
156
281
253
113
TRJC156*025#0500
C
15
25
2.8
6
500
469
422
188
235
211
94
TRJD156*025#
D
15
25
2.8
6
720
456
411
183
329
296
131
TRJD156*025#0300
D
15
25
2.8
6
300
707
636
283
212
191
85
TRJD226*025#
D
22
25
4.1
6
650
480
432
192
312
281
125
TRJD226*025#0300
D
22
25
4.1
6
300
707
636
283
212
191
85
TRJD336*025#
D
33
25
6.2
6
590
504
454
202
297
268
119
TRJD336*025#0400
D
33
25
6.2
6
400
612
551
245
245
220
98
TRJE476*025#
E
47
25
8.8
6
540
553
497
221
298
269
119
TRJE476*025#0150
E
47
25
8.8
6
150
1049
944
420
157
142
63
TRJA104*035#
A
0.1
35
0.30
4
20000
61
55
24
1225
1102
490
TRJA154*035#
A
0.15
35
0.30
4
16470
67
61
27
1111
1000
445
TRJA154*035#6000
A
0.15
35
0.30
4
6000
112
101
45
671
604
268
TRJA224*035#
A
0.22
35
0.30
4
13710
74
67
30
1014
913
406
TRJA224*035#6000
A
0.22
35
0.30
4
6000
112
101
45
671
604
268
TRJA334*035#
A
0.33
35
0.30
4
11280
82
73
33
920
828
368
TRJA334*035#6000
A
0.33
35
0.30
4
6000
112
101
45
671
604
268
TRJA474*035#
A
0.47
35
0.30
4
9530
89
80
35
845
761
338
TRJA474*035#4000
A
0.47
35
0.30
4
4000
137
123
55
548
493
219
TRJA684*035#
A
0.68
35
0.30
4
7980
97
87
39
774
696
309
TRJA684*035#6000
A
0.68
35
0.30
4
6000
112
101
45
671
604
268
TRJA105*035#
A
1
35
0.30
4
6630
106
96
43
705
635
282
TRJA105*035#3000
A
1
35
0.30
4
3000
158
142
63
474
427
190
TRJB105*035#
B
1
35
0.30
4
3400
158
142
63
538
484
215
TRJB105*035#2000
B
1
35
0.30
4
2000
206
186
82
412
371
165
TRJA155*035#
A
1.5
35
0.39
6
3100
166
149
66
513
462
205
TRJA155*035#2000
A
1.5
35
0.39
6
2000
206
186
82
412
371
165
TRJB155*035#
B
1.5
35
0.39
6
5460
125
112
50
681
613
272
TRJB155*035#2500
B
1.5
35
0.39
6
2500
184
166
74
461
415
184
TRJB225*035#
B
2.2
35
0.58
6
4550
137
123
55
622
560
249
TRJB225*035#2000
B
2.2
35
0.58
6
2000
206
186
82
412
371
165
TRJB335*035#
B
3.3
35
0.87
6
3740
151
136
60
564
507
226
TRJB335*035#1000
B
3.3
35
0.87
6
1000
292
262
117
292
262
117
TRJC335*035#
C
3.3
35
0.87
6
1840
245
220
98
450
405
180
TRJC335*035#0800
C
3.3
35
0.87
6
800
371
334
148
297
267
119
TRJB475*035#
B
4.7
35
1.20
6
2200
224
201
89
492
443
197
TRJB475*035#1500
B
4.7
35
1.20
6
1500
271
244
108
406
366
162
TRJC475*035#
C
4.7
35
1.2
6
1410
279
251
112
394
354
158
TRJC475*035#0600
C
4.7
35
1.2
6
600
428
385
171
257
231
103
TRJC685*035#
C
6.8
35
1.8
6
1070
321
289
128
343
309
137
TRJC685*035#0600
C
6.8
35
1.8
6
600
428
385
171
257
231
103
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.


Similar Part No. - TRJB105M006KRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJB105M006KRJ AVX-TRJB105M006KRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJB105M006KRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com