Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM2402B Datasheet(PDF) 3 Page - AZ Displays

Part # ACM2402B
Description  ACM2402B SERIES LCD MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2402B Datasheet(HTML) 3 Page - AZ Displays

  ACM2402B Datasheet HTML 1Page - AZ Displays ACM2402B Datasheet HTML 2Page - AZ Displays ACM2402B Datasheet HTML 3Page - AZ Displays ACM2402B Datasheet HTML 4Page - AZ Displays ACM2402B Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AZ DISPLAYS, INC.
3
6/18/97
ACM2402B SERIES LCD MODULE
6.0 POWER SUPPLY
7.0 BLOCK DIAGRAM
COM1
16
COM
SEG1~40
U1
8
COM16
SEG41~80
SEG1-----------SEG120
LCD 24 X 2
LED/EL
1 VSS
3 VO
4 RS
6 E
A
K
5 R/W
2 VDD
14 DB7
14 DB7
7 DB0
U3
40
U2
40
SEG81~120
40
VSS
VO
VDD
VR
+5V
Standard temp range
VR = 10K
Ω ~ 20KΩ
VSS
VO
VDD
VR
+5V
Wide temp range
-5V
VR = 10K
Ω ~ 20KΩ


Similar Part No. - ACM2402B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM2402C ZETTLER-ACM2402C Datasheet
801Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM2402D AZDISPLAYS-ACM2402D Datasheet
57Kb / 5P
   ACM2402D SERIES LCD MODULE
ACM2402F AZDISPLAYS-ACM2402F Datasheet
186Kb / 8P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM2402F ZETTLER-ACM2402F Datasheet
578Kb / 9P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM2402B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4004D AZDISPLAYS-ACM4004D Datasheet
112Kb / 5P
   ACM4004D SERIES LCD MODULE
AGM6448V AZDISPLAYS-AGM6448V Datasheet
254Kb / 8P
   AGM6448V Series LCD Module
ACM1602M AZDISPLAYS-ACM1602M Datasheet
71Kb / 5P
   ACM1602M SERIES LCD MODULE
ACM2002C AZDISPLAYS-ACM2002C Datasheet
73Kb / 5P
   ACM2002C SERIES LCD MODULE
ACM1601B AZDISPLAYS-ACM1601B Datasheet
69Kb / 5P
   ACM1601B SERIES LCD MODULE
ACM1602W AZDISPLAYS-ACM1602W Datasheet
75Kb / 5P
   ACM1602W SERIES LCD MODULE
ACM1601D AZDISPLAYS-ACM1601D Datasheet
74Kb / 5P
   ACM1601D SERIES LCD MODULE
ACM1602L AZDISPLAYS-ACM1602L Datasheet
79Kb / 5P
   ACM1602L SERIES LCD MODULE
ACM1602R AZDISPLAYS-ACM1602R Datasheet
101Kb / 5P
   ACM1602R SERIES LCD MODULE
ACM2002P AZDISPLAYS-ACM2002P Datasheet
61Kb / 5P
   ACM2002P SERIES LCD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com