Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJB105M006BRJ Datasheet(PDF) 3 Page - AVX Corporation

Part # TRJB105M006BRJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJB105M006BRJ Datasheet(HTML) 3 Page - AVX Corporation

  TRJB105M006BRJ Datasheet HTML 1Page - AVX Corporation TRJB105M006BRJ Datasheet HTML 2Page - AVX Corporation TRJB105M006BRJ Datasheet HTML 3Page - AVX Corporation TRJB105M006BRJ Datasheet HTML 4Page - AVX Corporation TRJB105M006BRJ Datasheet HTML 5Page - AVX Corporation TRJB105M006BRJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
46
TRJ Series
Professional Tantalum Chip Capacitor
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz Ripple Current Ratings (mA)
100kHz Ripple Voltage Ratings (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (m
Ω)
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TRJA106*006#
A
10
6.3
0.45
6
2200
185
166
74
406
366
162
TRJA106*006#1500
A
10
6.3
0.45
6
1500
224
201
89
335
302
134
TRJA156*006#
A
15
6.3
0.68
6
2030
192
173
77
390
351
156
TRJA156*006#1500
A
15
6.3
0.68
6
1500
224
201
89
335
302
134
TRJB156*006#
B
15
6.3
0.68
6
2030
205
184
82
415
374
166
TRJB156*006#0700
B
15
6.3
0.68
6
700
348
314
139
244
220
98
TRJA226*006#
A
22
6.3
0.99
6
1700
210
189
84
357
321
143
TRJA226*006#0900
A
22
6.3
0.99
6
900
289
260
115
260
234
104
TRJB226*006#
B
22
6.3
0.99
6
1880
213
191
85
400
360
160
TRJB226*006#0600
B
22
6.3
0.99
6
600
376
339
151
226
203
90
TRJB336*006#
B
33
6.3
1.5
6
1740
221
199
88
385
346
154
TRJB336*006#0600
B
33
6.3
1.5
6
600
376
339
151
226
203
90
TRJB476*006#
B
47
6.3
2.1
6
1620
229
206
92
371
334
148
TRJB476*006#0500
B
47
6.3
2.1
6
500
412
371
165
206
186
82
TRJC476*006#
C
47
6.3
2.1
6
540
451
406
181
244
219
97
TRJC476*006#0250
C
47
6.3
2.1
6
250
663
597
265
166
149
66
TRJC686*006#
C
68
6.3
3.1
6
490
474
426
190
232
209
93
TRJC686*006#0200
C
68
6.3
3.1
6
200
742
667
297
148
133
59
TRJC107*006#
C
100
6.3
4.5
6
440
500
450
200
220
198
88
TRJC107*006#0300
C
100
6.3
4.5
6
300
606
545
242
182
163
73
TRJC157*006#
C
150
6.3
6.8
8
500
469
422
188
235
211
94
TRJC157*006#0300
C
150
6.3
6.8
8
300
606
545
242
182
163
73
TRJD157*006#
D
150
6.3
6.8
6
400
612
551
245
245
220
98
TRJD157*006#0150
D
150
6.3
6.8
6
150
1000
900
400
150
135
60
TRJD227*006#
D
220
6.3
9.9
8
360
645
581
258
232
209
93
TRJD227*006#0150
D
220
6.3
9.9
8
150
1000
900
400
150
135
60
TRJE337*006#
E
330
6.3
14
8
330
707
636
283
233
210
93
TRJE337*006#0150
E
330
6.3
14
8
150
1049
944
420
157
142
63
TRJE477*006#
E
470
6.3
21
8
250
812
731
325
203
183
81
TRJE477*006#0200
E
470
6.3
21
8
200
908
817
363
182
163
73
TRJA475*010#
A
4.7
10
0.35
6
3160
154
139
62
487
438
195
TRJA475*010#2000
A
4.7
10
0.35
6
2000
194
174
77
387
349
155
TRJA685*010#
A
6.8
10
0.51
6
2650
168
151
67
446
401
178
TRJA685*010#1800
A
6.8
10
0.51
6
1800
204
184
82
367
331
147
TRJA106*010#
A
10
10
0.75
6
2200
185
166
74
406
366
162
TRJA106*010#1800
A
10
10
0.75
6
1800
204
184
82
367
331
147
TRJB106*010#
B
10
10
0.75
6
2200
197
177
79
432
389
173
TRJB106*010#0800
B
10
10
0.75
6
800
326
293
130
261
235
104
TRJA156*010#
A
15
10
1.10
6
1800
204
184
82
367
331
147
TRJA156*010#1000
A
15
10
1.10
6
1000
274
246
110
274
246
110
TRJB156*010#
B
15
10
1.1
6
2030
205
184
82
415
374
166
TRJB156*010#0600
B
15
10
1.1
6
600
376
339
151
226
203
90
TRJB226*010#
B
22
10
1.7
6
1880
213
191
85
400
360
160
TRJB226*010#0700
B
22
10
1.7
6
700
348
314
139
244
220
98
TRJB336*010#
B
33
10
2.5
6
1000
292
262
117
292
262
117
TRJB336*010#0650
B
33
10
2.5
6
650
362
325
145
235
212
94
TRJC336*010#
C
33
10
2.5
6
590
432
389
173
255
229
102
TRJC336*010#0300
C
33
10
2.5
6
300
606
545
242
182
163
73
TRJC476*010#
C
47
10
3.5
6
540
451
406
181
244
219
97
TRJC476*010#0300
C
47
10
3.5
6
300
606
545
242
182
163
73
TRJC686*010#
C
68
10
5.1
6
490
474
426
190
232
209
93
TRJC686*010#0300
C
68
10
5.1
6
300
606
545
242
182
163
73
TRJC107*010#
C
100
10
7.5
8
500
469
422
188
235
211
94
TRJC107*010#0200
C
100
10
7.5
8
200
742
667
297
148
133
59
TRJD107*010#
D
100
10
7.5
6
440
584
525
234
257
231
103
TRJD107*010#0150
D
100
10
7.5
6
150
1000
900
400
150
135
60
TRJD157*010#
D
150
10
11
8
400
612
551
245
245
220
98
TRJD157*010#0150
D
150
10
11
8
150
1000
900
400
150
135
60
TRJE157*010#
E
150
10
11
8
400
642
578
257
257
231
103
TRJE157*010#0150
E
150
10
11
8
150
1049
944
420
157
142
63
TRJE227*010#
E
220
10
17
8
360
677
609
271
244
219
97
TRJE227*010#0150
E
220
10
17
8
150
1049
944
420
157
142
63
TRJE337*010#
E
330
10
25
8
300
742
667
297
222
200
89
TRJE337*010#
E
330
10
25
8
100
1285
1156
514
128
116
51
TRJA225*016#
A
2.2
16
0.30
6
4550
128
116
51
584
526
234
TRJA225*016#3500
A
2.2
16
0.30
6
3500
146
132
59
512
461
205
TRJA335*016#
A
3.3
16
0.40
6
3740
142
127
57
530
477
212
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20% Capacitance Tolerance
# Termination finished and packaging reel size.
All technical data relates to an ambient temperature of +25°C.
Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum
DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes.


Similar Part No. - TRJB105M006BRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJB105M006BRJ AVX-TRJB105M006BRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJB105M006BRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com