Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1871HMS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1871HMS
Description  Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871HMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1871HMS Datasheet HTML 7Page - Linear Technology LTC1871HMS Datasheet HTML 8Page - Linear Technology LTC1871HMS Datasheet HTML 9Page - Linear Technology LTC1871HMS Datasheet HTML 10Page - Linear Technology LTC1871HMS Datasheet HTML 11Page - Linear Technology LTC1871HMS Datasheet HTML 12Page - Linear Technology LTC1871HMS Datasheet HTML 13Page - Linear Technology LTC1871HMS Datasheet HTML 14Page - Linear Technology LTC1871HMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC1871
11
1871fe
APPLICATIONS INFORMATION
Programming the Operating Frequency
The choice of operating frequency and inductor value is
a tradeoff between efficiency and component size. Low
frequency operation improves efficiency by reducing
MOSFET and diode switching losses. However, lower
frequency operation requires more inductance for a given
amount of load current.
The LTC1871 uses a constant frequency architecture that
can be programmed over a 50kHz to 1000kHz range with
a single external resistor from the FREQ pin to ground, as
shown in Figure 1. The nominal voltage on the FREQ pin is
0.6V, and the current that flows into the FREQ pin is used
to charge and discharge an internal oscillator capacitor. A
graph for selecting the value of RT for a given operating
frequency is shown in Figure 6.
INTVCC Regulator Bypassing and Operation
An internal, P-channel low dropout voltage regulator pro-
duces the 5.2V supply which powers the gate driver and
logic circuitry within the LTC1871, as shown in Figure 7.
The INTVCC regulator can supply up to 50mA and must be
bypassed to ground immediately adjacent to the IC pins
with a minimum of 4.7μF tantalum or ceramic capacitor.
Good bypassing is necessary to supply the high transient
currents required by the MOSFET gate driver.
For input voltages that don’t exceed 7V (the absolute
maximum rating for this pin), the internal low dropout
regulator in the LTC1871 is redundant and the INTVCC pin
can be shorted directly to the VIN pin. With the INTVCC
pin shorted to VIN, however, the divider that programs the
regulated INTVCC voltage will draw 10μA of current from
the input supply, even in shutdown mode. For applications
that require the lowest shutdown mode input supply cur-
rent, do not connect the INTVCC pin to VIN. Regardless of
whether the INTVCC pin is shorted to VIN or not, it is always
necessary to have the driver circuitry bypassed with a
4.7μF tantalum or low ESR ceramic capacitor to ground
immediately adjacent to the INTVCC and GND pins.
In an actual application, most of the IC supply current is
used to drive the gate capacitance of the power MOSFET.
As a result, high input voltage applications in which a
large power MOSFET is being driven at high frequencies
can cause the LTC1871 to exceed its maximum junction
Figure 6. Timing Resistor (RT) Value
FREQUENCY (kHz)
100
300
1000
1871 F06
10
100
200
1000
900
800
700
600
500
400
0
Figure 7. Bypassing the LDO Regulator and Gate Driver Supply
+
1.230V
R2
R1
P-CH
5.2V
DRIVER
GATE
CVCC
4.7μF
CIN
INPUT
SUPPLY
2.5V TO 30V
GND
PLACE AS CLOSE AS
POSSIBLE TO DEVICE PINS
M1
1871 F07
INTVCC
VIN
GND
LOGIC


Similar Part No. - LTC1871HMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871HMS LINER-LTC1871HMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC1871HMS LINER-LTC1871HMS Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871HMS LINER-LTC1871HMS Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871HMSPBF LINER-LTC1871HMSPBF Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
More results

Similar Description - LTC1871HMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871 LINER-LTC1871_15 Datasheet
527Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871X LINER-LTC1871X Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
   High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7 Datasheet
455Kb / 32P
   High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com