Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1605AISW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1605AISW
Description  16-Bit, 100ksps, Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605AISW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1605AISW Datasheet HTML 7Page - Linear Technology LTC1605AISW Datasheet HTML 8Page - Linear Technology LTC1605AISW Datasheet HTML 9Page - Linear Technology LTC1605AISW Datasheet HTML 10Page - Linear Technology LTC1605AISW Datasheet HTML 11Page - Linear Technology LTC1605AISW Datasheet HTML 12Page - Linear Technology LTC1605AISW Datasheet HTML 13Page - Linear Technology LTC1605AISW Datasheet HTML 14Page - Linear Technology LTC1605AISW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
1605fc
LTC1605
Figure 11. LTC1605 Nonaveraged 4096 Point FFT Plot
APPLICATIONS INFORMATION
ACQUIRE
CONVERT
ACQUIRE
DATA
VALID
t1
t10
t10
t1
t10
t10
t3
t6
t 4
tCONV
t12
t7
HI-Z
HI-Z
R/C
BUSY
CS
MODE
DATA BUS
1605 • F09
Figure 9. Using CS to Control Conversion and Read Timing
FREQUENCY (kHz)
–130
–120
–100
–110
–80
–90
–20
–40
–60
0
–30
–50
–70
–10
1605 • F11
0
5
10
15
20
25
30
35
40
45
50
fSAMPLE = 100kHz
fIN = 1kHz
SINAD = 87.5dB
THD = –101.7dB
Figure 10. Using CS and BYTE to Control Data Bus Read Timing
t10
t10
t12
t7
t12
HI-Z
HI-Z
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
LOW BYTE
HIGH BYTE
R/C
BYTE
CS
PINS 6 TO 13
PINS 15 TO 22
1605 • F03


Similar Part No. - LTC1605AISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605AISW LINER-LTC1605AISW Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
More results

Similar Description - LTC1605AISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1 Datasheet
315Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
AD1876 AD-AD1876 Datasheet
190Kb / 12P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_15 Datasheet
391Kb / 16P
   16-Bit 100 kSPS Sampling ADC
REV. A
AD676 AD-AD676_17 Datasheet
421Kb / 17P
   16-Bit 100 kSPS Sampling ADC
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
   Low Cost 16-Bit Sampling ADC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com