Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1068-200CG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1068-200CG
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068-200CG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1068-200CG Datasheet HTML 4Page - Linear Technology LTC1068-200CG Datasheet HTML 5Page - Linear Technology LTC1068-200CG Datasheet HTML 6Page - Linear Technology LTC1068-200CG Datasheet HTML 7Page - Linear Technology LTC1068-200CG Datasheet HTML 8Page - Linear Technology LTC1068-200CG Datasheet HTML 9Page - Linear Technology LTC1068-200CG Datasheet HTML 10Page - Linear Technology LTC1068-200CG Datasheet HTML 11Page - Linear Technology LTC1068-200CG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC1068 Series
8
1068fc
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1068-25
Maximum Q vs Center Frequency
(Modes 1, 1b, 2)
LTC1068-25
Maximum Q vs Center Frequency
(Modes 2, 3)
LTC1068 Center Frequency
Variation vs Clock Frequency
LTC1068-200 Center Frequency
Variation vs Clock Frequency
LTC1068-50 Center Frequency
Variation vs Clock Frequency
LTC1068-25 Center Frequency
Variation vs Clock Frequency
CENTER FREQUENCY, fO (kHz)
0
A
B
C
55
50
45
40
35
30
25
20
15
10
5
0
64
128
160
1068 G07
32
96
192 224
A: VS = 3.3V, fCLK(MAX) = 1.2MHz
B: VS = 5V, fCLK(MAX) = 3.4MHz
C: VS = ±5V, fCLK(MAX) = 6.1MHz
(FOR MODE 2, R4 ≥ 10R2)
FREQUENCY, fO (kHz)
0
A
B
C
55
50
45
40
35
30
25
20
15
10
5
0
64
128
160
1068 G08
32
96
192 224
A: VS = 3.3V, fCLK(MAX) = 1MHz
B: VS = 5V, fCLK(MAX) = 3MHz
C: VS = ±5V, fCLK(MAX) = 5MHz
(FOR MODE 2, R4 < 10R2)
CLOCK FREQUENCY (MHz)
0.75 1.25 1.75 2.25 2.75 3.25 3.75
–0.6
–0.4
0
0.2
0.4
1.2
1068 G09
–0.2
4.25
0.6
0.8
1.0
MODE 3
MODE 1
VS = ±5V
Q = 5, REFERENCE
CENTER FREQUENCY
WITH fCLK = 0.75MHz
CLOCK FREQUENCY (MHz)
0.75 1.25 1.75 2.25 2.75 3.25 3.75
–0.25
–0.20
–0.10
–0.05
0
0.20
1068 G10
–0.15
4.25
0.05
0.10
0.15
MODE 3
MODE 1
VS = ±5V
Q = 5, REFERENCE
CENTER FREQUENCY
WITH fCLK = 0.75MHz
CLOCK FREQUENCY (MHz)
0.5
–0.2
–0.1
0
0.1
0.2
0.4
0.75
1.0
1.25
1.5
1068 G11
1.75
2.0
0.3
MODE 1
MODE 3
VS = ±5V
Q = 5, REFERENCE
CENTER FREQUENCY
WITH fCLK = 0.5MHz
CLOCK FREQUENCY (MHz)
0.5
0
0.3
0.8
1.3
1.8
1.0
1.5
2.0
2.5
1068 G12
3.0
3.5
MODE 1
MODE 3
VS = ±5V
Q = 5, REFERENCE
CENTER FREQUENCY
WITH fCLK = 0.5MHz
LTC1068/LTC1068-200
Noise vs Q
LTC1068-50 Noise vs Q
LTC1068-25 Noise vs Q
Q
0
0
50
100
150
200
10
20
30
5V ±5V
3.3V
40
1068 G13
250
300
5
15
25
35
Q
0
0
50
100
150
200
10
20
30
±5V
3.3V
40
1068 G14
250
300
5
15
25
35
5V
Q
0
0
50
100
150
200
10
20
30
±5V
3.3V
40
1068 G15
250
300
5
15
25
35
5V


Similar Part No. - LTC1068-200CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
More results

Similar Description - LTC1068-200CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com