Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1068-200CG Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1068-200CG
Description  Clock-Tunable, Quad Second Order, Filter Building Blocks
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1068-200CG Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1068-200CG Datasheet HTML 3Page - Linear Technology LTC1068-200CG Datasheet HTML 4Page - Linear Technology LTC1068-200CG Datasheet HTML 5Page - Linear Technology LTC1068-200CG Datasheet HTML 6Page - Linear Technology LTC1068-200CG Datasheet HTML 7Page - Linear Technology LTC1068-200CG Datasheet HTML 8Page - Linear Technology LTC1068-200CG Datasheet HTML 9Page - Linear Technology LTC1068-200CG Datasheet HTML 10Page - Linear Technology LTC1068-200CG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC1068 Series
7
1068fc
ELECTRICAL CHARACTERISTICS
LTC1068
Maximum Q vs Center Frequency
(Modes 1, 1b, 2)
LTC1068
Maximum Q vs Center Frequency
(Modes 2, 3)
LTC1068-200
Maximum Q vs Center Frequency
(Modes 1, 1b, 2)
Table 1. Output DC Offsets One 2nd Order Section
MODE
VOSN
VOSBP VOSLP
1
VOS1[(1/Q) + 1 + ||HOLP||] – VOS3/Q
VOS3
VOSN – VOS2
1b
VOS1[(1/Q) + 1 + R2/R1] – VOS3/Q
VOS3
~(VOSN – VOS2)(1 + R5/R6)
2
[VOS1(1 + R2/R1 + R2/R3 + R2/R4) – VOS3(R2/R3)X
[R4/(R2 + R4)] + VOS2[R2/(R2 + R4)]
VOS3
VOSN – VOS2
3
VOS2
VOS3
VOS1[1 + R4/R1 + R4/R2 + R4/R3] – VOS2(R4/R2) – VOS3(R4/R3)
TYPICAL PERFORMANCE CHARACTERISTICS
CENTER FREQUENCY, fO (kHz)
0
A
B
C
0
5
15
20
25
50
35
20
40
50
1068 G01
10
40
45
30
10
30
60
70
A. VS = 3.3V, fCLK(MAX) = 1.5MHz
B. VS = 5V, fCLK(MAX) = 3.4MHz
C. VS = ±5V, fCLK(MAX) = 5.6MHz
(FOR MODE 2 R4 ≥ 10R2)
CENTER FREQUENCY, fO (kHz)
0
A
B
C
0
5
15
20
25
50
35
20
40
50
1068 G02
10
40
45
30
10
30
60
A. VS = 3.3V, fCLK(MAX) = 1MHz
B. VS = 5V, fCLK(MAX) = 3MHz
C. VS = ±5V, fCLK(MAX) = 5MHz
(FOR MODE 2 R4 < 10R2)
CENTER FREQUENCY, fO (kHz)
0
A
B
C
55
50
45
40
35
30
25
20
15
10
5
0
8
16
20
24
1068 G03
4
12
28 32
A: VS = 3.3V, fCLK(MAX) = 1.2MHz
B: VS = 5V, fCLK(MAX) = 3.2MHz
C: VS = ±5V, fCLK(MAX) = 6.1MHz
(FOR MODE 2, R4 ≥ 10R2)
LTC1068-200
Maximum Q vs Center Frequency
(Modes 2, 3)
LTC1068-50
Maximum Q vs Center Frequency
(Modes 1, 1b, 2)
LTC1068-50
Maximum Q vs Center Frequency
(Modes 2, 3)
CENTER FREQUENCY, fO (kHz)
0
A
B
C
55
50
45
40
35
30
25
20
15
10
5
0
8
16
20
24
1068 G04
4
12
28 32
A: VS = 3.3V, fCLK(MAX) = 1.2MHz
B: VS = 5V, fCLK(MAX) = 3.2MHz
C: VS = ±5V, fCLK(MAX) = 6.1MHz
(FOR MODE 2, R4 < 10R2)
CENTER FREQUENCY, fO (kHz)
0
A
B
C
55
50
45
40
35
30
25
20
15
10
5
0
8
16
20
24
1068 G05
4
12
28 32
A: VS = 3.3V, fCLK(MAX) = 1.1MHz
B: VS = 5V, fCLK(MAX) = 2.1MHz
C: VS = ±5V, fCLK(MAX) = 3.6MHz
(FOR MODE 2, R4 ≥ 10R2)
CENTER FREQUENCY, fO (kHz)
0
A
B
C
55
50
45
40
35
30
25
20
15
10
5
0
8
16
20
24
1068 G06
4
12
28 32
A: VS = 3.3V, fCLK(MAX) = 1.1MHz
B: VS = 5V, fCLK(MAX) = 2.1MHz
C: VS = ±5V, fCLK(MAX) = 3.6MHz
(FOR MODE 2, R4 < 10R2)


Similar Part No. - LTC1068-200CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
More results

Similar Description - LTC1068-200CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com