Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3015IMSE Datasheet(PDF) 9 Page - Linear Technology

Part # LT3015IMSE
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3015IMSE Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3015IMSE Datasheet HTML 5Page - Linear Technology LT3015IMSE Datasheet HTML 6Page - Linear Technology LT3015IMSE Datasheet HTML 7Page - Linear Technology LT3015IMSE Datasheet HTML 8Page - Linear Technology LT3015IMSE Datasheet HTML 9Page - Linear Technology LT3015IMSE Datasheet HTML 10Page - Linear Technology LT3015IMSE Datasheet HTML 11Page - Linear Technology LT3015IMSE Datasheet HTML 12Page - Linear Technology LT3015IMSE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3015
9
3015f
TYPICAL PERFORMANCE CHARACTERISTICS
LT3015 Transient Response,
COUT = 47μF
LT3015 Transient Response,
CFF = 0, COUT = 10μF
LT3015 Transient Response,
CFF = 10nF, COUT = 10μF
LT3015 Transient Response,
CFF = 10nF, COUT = 47μF
Start-Up Time vs CFF
LT3015 Transient Response,
COUT = 10μF
TA = 25°C, unless otherwise noted.
FEEDFORWARD CAPACITOR, CFF (F)
100p
1n
10n
0.001
0.01
0.1
1.0
10
100
100n
3015 G38
IL = –1.5A
IFB-DIVIDER = 100μA
TJ = 25°C
VOUT = –1.22V
VOUT = –5V
VOUT = –3V
VOUT = –12V
VOUT = –15V
VOUT
100mV/DIV
IOUT
1A/DIV
COUT = 10μF
VOUT = –1.22V
ΔIOUT = –50mA TO –1.5A
3015 G39
25μs/DIV
VOUT
100mV/DIV
IOUT
1A/DIV
COUT = 47μF
VOUT = –1.22V
ΔIOUT = –50mA TO –1.5A
3015 G40
25μs/DIV
VOUT
100mV/DIV
IOUT
1A/DIV
COUT = 10μF
VOUT = –5V
CFF = 0
IFB-DIVIDER = 100μA
ΔIOUT = –50mA TO –1.5A
3015 G41
25μs/DIV
VOUT
100mV/DIV
IOUT
1A/DIV
COUT = 10μF
VOUT = –5V
CFF = 10nF
IFB-DIVIDER = 100μA
ΔIOUT = –50mA TO –1.5A
3015 G42
25μs/DIV
VOUT
100mV/DIV
IOUT
1A/DIV
COUT = 47μF
VOUT = –5V
CFF = 10nF
IFB-DIVIDER = 100μA
ΔIOUT = –50mA TO –1.5A
3015 G43
25μs/DIV
SHDN Transient Response,
IL = –1.5A, CFF = 10nF
VSHDN
1V/DIV
VOUT
2V/DIV
RL = 3.3Ω
COUT = 10μF
VOUT = –5V
CFF = 10nF
3015 G25
250μs/DIV


Similar Part No. - LT3015IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3015IMSE LINER-LT3015IMSE Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
More results

Similar Description - LT3015IMSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015 LINER-LT3015 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
   Negative Regulator with Adjustable Current Limit
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com