Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1962EMS8-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1962EMS8-3
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962EMS8-3 Datasheet(HTML) 1 Page - Linear Technology

  LT1962EMS8-3 Datasheet HTML 1Page - Linear Technology LT1962EMS8-3 Datasheet HTML 2Page - Linear Technology LT1962EMS8-3 Datasheet HTML 3Page - Linear Technology LT1962EMS8-3 Datasheet HTML 4Page - Linear Technology LT1962EMS8-3 Datasheet HTML 5Page - Linear Technology LT1962EMS8-3 Datasheet HTML 6Page - Linear Technology LT1962EMS8-3 Datasheet HTML 7Page - Linear Technology LT1962EMS8-3 Datasheet HTML 8Page - Linear Technology LT1962EMS8-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1962 Series
300mA, Low Noise,
Micropower
LDO Regulators
s
Low Noise: 20
µVRMS (10Hz to 100kHz)
s
Output Current: 300mA
s
Low Quiescent Current: 30
µA
s
Wide Input Voltage Range: 1.8V to 20V
s
Low Dropout Voltage: 270mV
s
Very Low Shutdown Current: < 1
µA
s
No Protection Diodes Needed
s
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3V, 3.3V, 5V
s
Adjustable Output from 1.22V to 20V
s
Stable with 3.3
µF Output Capacitor
s
Stable with Aluminum, Tantalum or
Ceramic Capacitors
s
Reverse Battery Protection
s
No Reverse Current
s
Overcurrent and Overtemperature Protected
s
8-Lead MSOP Package
The LT
®1962 series are micropower, low noise, low
dropout regulators. The devices are capable of supplying
300mA of output current with a dropout voltage of 270mV.
Designed for use in battery-powered systems, the low
30
µA quiescent current makes them an ideal choice.
Quiescent current is well controlled; it does not rise in
dropout as it does with many other regulators.
A key feature of the LT1962 regulators is low output noise.
With the addition of an external 0.01
µF bypass capacitor,
output noise drops to 20
µVRMS over a 10Hz to 100kHz
bandwidth. The LT1962 regulators are stable with output
capacitors as low as 3.3
µF. Small ceramic capacitors can
be used without the series resistance required by other
regulators.
Internal protection circuitry includes reverse battery pro-
tection, current limiting, thermal limiting and reverse cur-
rent protection. The parts come in fixed output voltages of
1.5V, 1.8V, 2.5V, 3V, 3.3V and 5V, and as an adjustable
device with a 1.22V reference voltage. The LT1962 regu-
lators are available in the 8-lead MSOP package.
3.3V Low Noise Regulator
s
Cellular Phones
s
Battery-Powered Systems
s
Noise-Sensitive Instrumentation Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
LOAD CURRENT (mA)
0
400
350
300
250
200
150
100
50
0
1962 TA02
100
200
300
50
150
250
Dropout Voltage
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
IN
SHDN
0.01
µF
10
µF
1962 TA01
OUT
SENSE
VIN
3.7V TO
20V
BYP
GND
LT1962-3.3
3.3V AT 300mA
20
µVRMS NOISE
1
µF
+


Similar Part No. - LT1962EMS8-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-3 LINER-LT1962EMS8-3 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3 LINER-LT1962EMS8-3 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3 LINER-LT1962EMS8-3 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results

Similar Description - LT1962EMS8-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com