Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1767EMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1767EMS8
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767EMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1767EMS8 Datasheet HTML 3Page - Linear Technology LT1767EMS8 Datasheet HTML 4Page - Linear Technology LT1767EMS8 Datasheet HTML 5Page - Linear Technology LT1767EMS8 Datasheet HTML 6Page - Linear Technology LT1767EMS8 Datasheet HTML 7Page - Linear Technology LT1767EMS8 Datasheet HTML 8Page - Linear Technology LT1767EMS8 Datasheet HTML 9Page - Linear Technology LT1767EMS8 Datasheet HTML 10Page - Linear Technology LT1767EMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
APPLICATIONS INFORMATION
FB RESISTOR NETWORK
If an output voltage of 1.8V, 2.5V, 3.3V or 5V is required, the
respective fixed option part, -1.8, -2.5, -3.3 or -5, should be
used. The FB pin is tied directly to the output; the necessary
resistive divider is already included on the part. For other
voltage outputs, the adjustable part should be used and an
external resistor divider added. The suggested resistor (R2)
from FB to ground is 10k. This reduces the contribution of
FB input bias current to output voltage to less than 0.25%.
The formula for the resistor (R1) from VOUT to FB is:
R
RV
RA
OUT
1
21 2
12
2 0 25
=
()
−µ
.
.( .
)
of capacitance is less important and has no significant
effect on loop stability. If operation is required close to the
minimum input required by the output of the LT1767, a
larger value may be required. This is to prevent excessive
ripple causing dips below the minimum operating voltage,
resulting in erratic operation.
If tantalum capacitors are used, values in the 22
µF to 470µF
range are generally needed to minimize ESR and meet ripple
current and surge ratings. Care should be taken to ensure
the ripple and surge ratings are not exceeded. The AVX TPS
and Kemet T495 series are surge rated. AVX recommends
derating capacitor operating voltage by 2:1 for high surge
applications.
OUTPUT CAPACITOR
Unlike the input capacitor, RMS ripple current in the output
capacitor is normally low enough that ripple current rating
is not an issue. The current waveform is triangular, with an
RMS value given by:
I
VV
V
Lf V
RIPPLE RMS
OUT
IN
OUT
IN
() =
()
()
()( )( )
029
.
The LT1767 will operate with both ceramic and tantalum
output capacitors. Ceramic capacitors are generally chosen
for their small size, very low ESR (effective series resis-
tance), and good high frequency operation, reducing out-
put ripple voltage. Their low ESR removes a useful zero in
the loop frequency response, common to tantalum capaci-
tors. To compensate for this, the VC loop compensation
pole frequency must typically be reduced by a factor of 10.
Typical ceramic output capacitors are in the 1
µF to 10µF
range. Since the absolute value of capacitance defines the
pole frequency of the output stage, an X7R or X5R type
ceramic, which have good temperature stability, is recom-
mended.
Tantalum capacitors are usually chosen for their bulk
capacitance properties, useful in high transient load appli-
cations. ESR rather than capacitive value defines output
ripple at 1.25MHz. Typical LT1767 applications require a
tantalum capacitor with less than 0.3
Ω ESR at 22µF to
500
µF, see Table 2.
Figure 2. Feedback Network
+
1.2V
VSW
VC
GND
1767 F02
R1
R2
10k
OUTPUT
ERROR
AMPLIFIER
FB
LT1767
+
INPUT CAPACITOR
Step-down regulators draw current from the input supply in
pulses. The rise and fall times of these pulses are very fast.
The input capacitor is required to reduce the voltage ripple
this causes at the input of LT1767 and force the switching
current into a tight local loop, thereby minimizing EMI. The
RMS ripple current can be calculated from:
II
V
V
V
V
RIPPLE RMS
OUT
OUT
IN
OUT
IN
() =−
()/ 2
Higher value, lower cost ceramic capacitors are now avail-
able in smaller case sizes. These are ideal for input bypass-
ing since their high frequency capacitive nature removes
most ripple current rating and turn-on surge problems. At
higher switching frequency, the energy storage require-
ment of the input capacitor is reduced so values in the range
of 1
µF to 4.7µF are suitable for most applications. Y5V or
similar type ceramics can be used since the absolute value


Similar Part No. - LT1767EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767EMS8 LINER-LT1767EMS8 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-1.8 LINER-LT1767EMS8-1.8 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-2.5 LINER-LT1767EMS8-2.5 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-3.3 LINER-LT1767EMS8-3.3 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-5 LINER-LT1767EMS8-5 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767EMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com