Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW0402KDXTD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TNPW0402KDXTD
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402KDXTD Datasheet(HTML) 3 Page - Vishay Siliconix

  TNPW0402KDXTD Datasheet HTML 1Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 2Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 3Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 4Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 5Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 6Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 7Page - Vishay Siliconix TNPW0402KDXTD Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions contact: ff3aresistors@vishay.com
Document Number: 31006
68
Revision: 06-Jul-06
TNPW
Vishay
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
1) Please refer to PACKING table
TNPW1206
± 50 ppm/K
± 1 %
10R - 2M0
24 -96
± 0.5 %
10R - 2M0
24-192
± 0.1 %
± 25 ppm/K
± 1 %
10R - 2M0
24 -96
± 0.5 %
10R - 2M0
24-192
± 0.1 %
± 15 ppm/K
± 0.1 %
47R - 2M0
± 10 ppm/K
± 0.1 %
TNPW1210
± 50 ppm/K
± 1 %
10R - 3M01
24 -96
± 0.5 %
10R - 3M01
24-192
± 0.1 %
47R - 2M13
± 25 ppm/K
± 1 %
10R - 3M01
24 -96
± 0.5 %
10R - 3M01
24-192
± 0.1 %
47R - 2M13
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.1 %
TNPW2010
± 50 ppm/K
± 1 %
10R - 4M99
24 -96
± 0.5 %
10R - 4M99
24-192
± 0.1 %
47R - 1M0
± 25 ppm/K
± 1 %
10R - 4M99
24 -96
± 0.5 %
10R - 4M99
24-192
± 0.1 %
47R - 1M0
TNPW2512
± 50 ppm/K
± 1 %
10R - 8M87
24 -96
± 0.5 %
10R - 8M87
24-192
± 0.1 %
47R - 1M0
± 25 ppm/K
± 1 %
10R - 8M87
24 -96
± 0.5 %
10R - 8M87
24-192
± 0.1 %
47R - 1M0
PART NUMBER AND PRODUCT DESCRIPTION
Products can be ordered using either the Product Description or the Part Number.
For ordering TNPW with lead (Pb)-free contacts please refer to latest edition of data sheet TNPW e3.
Part Number: (TIN LEAD) TNPW12061K32DETA
MODEL
VALUE
TOLERANCE
TCR
PACKING1)
SPECIAL
TNPW 0402
TNPW 0603
TNPW 0805
TNPW 1206
TNPW 1210
TNPW 2010
TNPW 2512
R = Decimal
K = Thousand
M = Million
(4 digits)
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
H = ± 50 ppm/K
E = ± 25 ppm/K
X = ± 15 ppm/K
Y = ± 10 ppm/K
TA
TC
TD
TF
TG
CN
TY
up to 2 digits
Blank = standard
Historical Part Number: TNPW-1206 1.32K 0.5 % T-9 RT1(will continue to be accepted)
TNPW-1206
1.32K
0.5 %
T-9
RT1
MODEL
RESISTANCE VALUE
Ω
TOLERANCE
TCR
PACKING1)
TNPW-0402
TNPW-0603
TNPW-0805
TNPW-1206
TNPW-1210
TNPW-2010
TNPW-2512
Examples:
1K32 = 1320
Ω
99.68K = 99 680
Ω
360 = 360
Ω
± 0.1 %
± 0.5 %
± 1.0 %
T-2 = ± 50 ppm/K
T-9 = ± 25 ppm/K
T-10 = ± 15 ppm/K
T-13 = ± 10 ppm/K
RT1
RT6
RT7
R02
R67
R52
R75
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE VALUE
E-SERIES
N
P
W
1
2
061
K
T
32
D
E
T
A


Similar Part No. - TNPW0402KDXTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402KK32BEEA VISHAY-TNPW0402KK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEA0H VISHAY-TNPW0402KK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEC VISHAY-TNPW0402KK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEC0H VISHAY-TNPW0402KK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEED VISHAY-TNPW0402KK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402KDXTD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com