Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1767EMS8-18 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1767EMS8-18
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767EMS8-18 Datasheet(HTML) 5 Page - Linear Technology

  LT1767EMS8-18 Datasheet HTML 1Page - Linear Technology LT1767EMS8-18 Datasheet HTML 2Page - Linear Technology LT1767EMS8-18 Datasheet HTML 3Page - Linear Technology LT1767EMS8-18 Datasheet HTML 4Page - Linear Technology LT1767EMS8-18 Datasheet HTML 5Page - Linear Technology LT1767EMS8-18 Datasheet HTML 6Page - Linear Technology LT1767EMS8-18 Datasheet HTML 7Page - Linear Technology LT1767EMS8-18 Datasheet HTML 8Page - Linear Technology LT1767EMS8-18 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
PIN FUNCTIONS
FB: The feedback pin is used to set output voltage using an
external voltage divider that generates 1.2V at the pin with
the desired output voltage. The fixed voltage 1.8V, 2.5V,
3.3V and 5V versions have the divider network included
internally and the FB pin is connected directly to the
output. If required, the current limit can be reduced during
start up or short-circuit when the FB pin is below 0.5V (see
the Current Limit Foldback graph in the Typical Perfor-
mance Characteristics section). An impedance of less
than 5k
Ω (adjustable part only) at the FB pin is needed for
this feature to operate.
BOOST: The BOOST pin is used to provide a drive voltage,
higher than the input voltage, to the internal bipolar NPN
power switch. Without this added voltage, the typical
switch voltage loss would be about 1.5V. The additional
boost voltage allows the switch to saturate and voltage
loss approximates that of a 0.22
Ω FET structure.
VIN: This is the collector of the on-chip power NPN switch.
This pin powers the internal circuitry and internal regula-
tor. At NPN switch on and off, high dI/dt edges occur on
this pin. Keep the external bypass capacitor and catch
diode close to this pin. All trace inductance in this path will
create a voltage spike at switch off, adding to the VCE
voltage across the internal NPN.
GND: The GND pin acts as the reference for the regulated
output, so load regulation will suffer if the “ground” end of
the load is not at the same voltage as the GND pin of the
IC. This condition will occur when load current or other
currents flow through metal paths between the GND pin
and the load ground point. Keep the ground path short
between the GND pin and the load and use a ground plane
when possible. Keep the path between the input bypass
and the GND pin short. The GND pin of the MS8 package
is directly attached to the internal tab. This pin should be
attached to a large copper area to improve thermal
resistance. The exposed pad of the MS8E package is also
connected to GND. This should be soldered to a large
copper area to improve its thermal resistance.
VSW: The switch pin is the emitter of the on-chip power
NPN switch. This pin is driven up to the input pin voltage
during switch on time. Inductor current drives the switch
pin negative during switch off time. Negative voltage must
be clamped with an external catch diode with a VBR <0.8V.
SYNC: The sync pin is used to synchronize the internal
oscillator to an external signal. It is directly logic compat-
ible and can be driven with any signal between 20% and
80% duty cycle. The synchronizing range is equal to
initial
operating frequency, up to 2MHz. See Synchronization
section in Applications Information for details. When not
in use, this pin should be grounded.
SHDN: The shutdown pin is used to turn off the regulator
and to reduce input drain current to a few microamperes.
The 1.33V threshold can function as an accurate under-
voltage lockout (UVLO), preventing the regulator from
operating until the input voltage has reached a predeter-
mined level. Float or pull high to put the regulator in the
operating mode.
VC: The VC pin is the output of the error amplifier and the
input of the peak switch current comparator. It is normally
used for frequency compensation, but can do double duty
as a current clamp or control loop override. This pin sits
at about 0.35V for very light loads and 0.9V at maximum
load. It can be driven to ground to shut off the output.


Similar Part No. - LT1767EMS8-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767EMS8-1.8 LINER-LT1767EMS8-1.8 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767EMS8-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com