Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP813L Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP813L
Description  Low Power Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP813L Datasheet(HTML) 3 Page - Sipex Corporation

  SP813L Datasheet HTML 1Page - Sipex Corporation SP813L Datasheet HTML 2Page - Sipex Corporation SP813L Datasheet HTML 3Page - Sipex Corporation SP813L Datasheet HTML 4Page - Sipex Corporation SP813L Datasheet HTML 5Page - Sipex Corporation SP813L Datasheet HTML 6Page - Sipex Corporation SP813L Datasheet HTML 7Page - Sipex Corporation SP813L Datasheet HTML 8Page - Sipex Corporation SP813L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
SP705DS/09
SP705 Low Power Microprocessor Supervisory Circuits
© Copyright 2000 Sipex Corporation
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
t
u
p
t
u
O
O
D
WV
C
C
5
.
1
-
0
4
.
0
V
I
E
C
R
U
O
S
0
0
8
=
µA
I
K
N
I
S
A
m
2
.
3
=
R
Mt
n
e
r
r
u
C
p
U
-
ll
u
P0
0
10
5
20
0
6
µAR
MV
0
=
R
Mt
,
h
t
d
i
W
e
s
l
u
P
R
M
0
5
1s
n
R
Md
l
o
h
s
e
r
h
T
t
u
p
n
I
W
O
L
H
G
I
H0
.
2
8
.
0V
R
Mt
,
y
a
l
e
D
t
u
O
t
e
s
e
R
o
t
D
M
0
5
2s
n2
e
t
o
N
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
F
P0
2
.
15
2
.
10
3
.
1V
V
C
C
V
5
=
t
n
e
r
r
u
C
t
u
p
n
I
I
F
P0
0
.
5
2
-1
0
.
00
0
.
5
2A
n
O
F
Pe
g
a
t
l
o
V
t
u
p
t
u
OV
C
C
5
.
1
-
4
.
0
VI
E
C
R
U
O
S
0
0
8
=
µA
I
K
N
I
S
A
m
2
.
3
=
Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA.
Note 2: Applies to both RESET in the SP705-SP708 and RESET in the SP707/708/813L/813M.
SPECIFICATIONS
V
CC = 4.75V to 5.50V for SP705/707/813L,813M, VCC = 4.50V to 5.50V for SP706/708, TA = TMIN to TMAX, unless otherwise noted, typical at 25
oC.
SP705
SP706
SP813L
SP813M
1
8
7
6
5
4
3
2
1
MR
VCC
GND
PFI
WDO
RESET / RESET*
WDI
PFO
SP707
SP708
1
8
7
6
5
4
3
2
1
MR
VCC
GND
PFI
RESET
RESET
N.C.
PFO
SP705
SP706
SP813L
SP813M
1
8
7
6
5
4
3
2
1
WDO
MR
VCC
WDI
PFO
PFI
GND
SP707
SP708
1
8
7
6
5
4
3
2
1
RESET
RESET
MR
VCC
N.C.
PFO
PFI
GND
RESET / RESET*
DIP and SOIC
µSOIC
Figure 1. Pinouts
* SP813L/M only
* SP813L/M only


Similar Part No. - SP813L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP813L SIPEX-SP813L Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP813L SIPEX-SP813L Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813L EXAR-SP813L Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP813L SIPEX-SP813L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813L EXAR-SP813L Datasheet
1Mb / 17P
   Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP813L

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
   Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
   Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
   Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP690A EXAR-SP690A Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com