Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68020MF25 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TS68020MF25
Description  HCMOS 32-bit Virtual Memory Microprocessor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68020MF25 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TS68020MF25 Datasheet HTML 2Page - ATMEL Corporation TS68020MF25 Datasheet HTML 3Page - ATMEL Corporation TS68020MF25 Datasheet HTML 4Page - ATMEL Corporation TS68020MF25 Datasheet HTML 5Page - ATMEL Corporation TS68020MF25 Datasheet HTML 6Page - ATMEL Corporation TS68020MF25 Datasheet HTML 7Page - ATMEL Corporation TS68020MF25 Datasheet HTML 8Page - ATMEL Corporation TS68020MF25 Datasheet HTML 9Page - ATMEL Corporation TS68020MF25 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
TS68020
2115A–HIREL–07/02
Detailed
Specifications
Scope
This drawing describes the specific requirements for the microprocessor 68020,
16.67 MHz, 20 MHz and 25 MHz, in compliance with the MIL-STD-883 class B.
Applicable
Documents
MIL-STD-883
MIL-STD-883: Test Methods and Procedures for Electronics
MIL-PRF-38535 appendix A: General Specifications for Microcircuits
Desc Drawing 5962 - 860320xxx
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2 and
Figure 3.
Lead Material and Finish
Lead material and finish shall be any option of MIL-STD-1835.
Package
The macrocircuits are packages in hermetically sealed ceramic packages which are
conform to case outlines of MIL-STD-1835 (when defined):
114-pin SQ.PGA UP PAE Outline
132-pin Ceramic Quad Flat Pack CQFP
The precise case outlines are described on Figure 23 and Figure 24.


Similar Part No. - TS68020MF25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68020MF25

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com