Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1615IS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1615IS5
Description  Micropower Step-Up DC/DC Converters in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1615IS5 Datasheet(HTML) 8 Page - Linear Technology

  LT1615IS5 Datasheet HTML 1Page - Linear Technology LT1615IS5 Datasheet HTML 2Page - Linear Technology LT1615IS5 Datasheet HTML 3Page - Linear Technology LT1615IS5 Datasheet HTML 4Page - Linear Technology LT1615IS5 Datasheet HTML 5Page - Linear Technology LT1615IS5 Datasheet HTML 6Page - Linear Technology LT1615IS5 Datasheet HTML 7Page - Linear Technology LT1615IS5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1615/LT1615-1
sn16151 16151fas
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1998
16151fa LT/TP 0601 1.5K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1307
Single-Cell Micropower 600kHz PWM DC/DC Converter
3.3V at 75mA from One Cell, MSOP Package
LT1316
Burst Mode
TM Operation DC/DC with Programmable Current Limit
1.5V Minimum, Precise Control of Peak Current Limit
LT1317
2-Cell Micropower DC/DC with Low-Battery Detector
3.3V at 200mA from Two Cells, 600kHz Fixed Frequency
LT1610
Single-Cell Micropower DC/DC Converter
3V at 30mA from 1V, 1.7MHz Fixed Frequency
LT1611
1.4MHz Inverting Switching Regulator in 5-Lead ThinSOT
– 5V at 150mA from 5V Input, Tiny ThinSOT Package
LT1613
1.4MHz Switching Regulator in 5-Lead ThinSOT
5V at 200mA from 3.3V Input, Tiny ThinSOT Package
LT1617
Micropower Inverting DC/DC Converter in 5-Lead ThinSOT
–15V at 12mA from 2.5V Input, Tiny ThinSOT Package
Burst Mode is a trademark of Linear Technology Corporation
PACKAGE DESCRIPTIO
TYPICAL APPLICATIO S
VIN
SW
FB
LT1615
VIN
1.5V TO 5V
L1
10
µH
D1
D4
SHDN
130k
2M
C2
1
µF
20V
4mA
–20V
4mA
1615/-1 TA05
GND
C3
1
µF
C1
4.7
µF
C1: TAIYO YUDEN LMK316BJ475
(408) 573-4150
C2, C3, C4: TAIYO YUDEN TMK316BJ105 (408) 573-4150
C5: TAIYO YUDEN LMK212BJ105
(408) 573-4150
L1: MURATA LQH3C100K24
(814) 237-1431
D1, D2, D3, D4: MOTOROLA MBR0530
(800) 441-2447
43
2
1
5
4.7pF
C4
1
µF
C5
1
µF
D3
D2
±20V Dual Output Converter with Output Disconnect
S5 Package
5-Lead Plastic SOT-23
(Reference LTC DWG # 05-08-1633)
(Reference LTC DWG # 05-08-1635)
L
DATUM ‘A’
.09 – .20
(.004 – .008)
(NOTE 2)
A1
S5 SOT-23 0401
1.50 – 1.75
(.059 – .069)
(NOTE 3)
2.60 – 3.00
(.102 – .118)
.25 – .50
(.010 – .020)
(5PLCS, NOTE 2)
PIN ONE
2.80 – 3.10
(.110 – .118)
(NOTE 3)
.95
(.037)
REF
A A2
1.90
(.074)
REF
.20
(.008)
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
4. DIMENSIONS ARE INCLUSIVE OF PLATING
5. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
6. MOLD FLASH SHALL NOT EXCEED .254mm
7. PACKAGE EIAJ REFERENCE IS:
SC-74A (EIAJ) FOR ORIGINAL
JEDEL MO-193 FOR THIN
.90 – 1.45
(.035 – .057)
SOT-23
(Original)
.00 – .15
(.00 – .006)
.90 – 1.30
(.035 – .051)
.35 – .55
(.014 – .021)
1.00 MAX
(.039 MAX)
SOT-23
(ThinSOT)
A
A1
A2
L
.01 – .10
(.0004 – .004)
.80 – .90
(.031 – .035)
.30 – .50 REF
(.012 – .019 REF)


Similar Part No. - LT1615IS5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1615IS5 LINEAR-LT1615IS5 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1615IS5-1#TRMPBF LINER-LT1615IS5-1#TRMPBF Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
More results

Similar Description - LT1615IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT3461 LINER-LT3461 Datasheet
149Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461A LINER-LT3461A_15 Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461 LINER-LT3461_15 Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com