Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1083MK-12 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1083MK-12
Description  3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1083MK-12 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1083MK-12 Datasheet HTML 4Page - Linear Technology LT1083MK-12 Datasheet HTML 5Page - Linear Technology LT1083MK-12 Datasheet HTML 6Page - Linear Technology LT1083MK-12 Datasheet HTML 7Page - Linear Technology LT1083MK-12 Datasheet HTML 8Page - Linear Technology LT1083MK-12 Datasheet HTML 9Page - Linear Technology LT1083MK-12 Datasheet HTML 10Page - Linear Technology LT1083MK-12 Datasheet HTML 11Page - Linear Technology LT1083MK-12 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1083/LT1084/LT1085 Fixed
1083ffd
up into very heavy loads. During the start-up, as the input
voltage is rising, the input-to-output voltage differential
remains small allowing the regulator to supply large
output currents. With high input voltage a problem can
occur wherein removal of an output short will not allow the
output voltage to recover. Older regulators such as the
7800 series, also exhibited this phenomenon so it is not
unique to the LT1083.
The problem occurs with a heavy output load when the
input voltage is high and the output voltage is low, such as
immediately after a removal of a short. The load line for
such a load may intersect the output current curve at two
points. If this happens there are two stable output operat-
ing points for the regulator. With this double intersection
the power supply may need to be cycled down to zero and
brought up again to make the output recover.
Ripple Rejection
In applications that require improved ripple rejection the
LT1083 series adjustable regulators should be used. With
LT1083 series adjustable regulators the addition of a
bypass capacitor from the adjust pin to ground will reduce
output ripple by the ratio of VOUT/1.25V. See LT1083
series adjustable regulator data sheet.
Load Regulation
Because the LT1083 is a three-terminal device, it is not
possible to provide true remote load sensing. Load regu-
lation will not be limited by the resistance of the wire
connecting the regulator to the load. The data sheet
specification for the load regulation is measured at the
bottom of the package. Negative side sensing is a true
Kelvin connection, with the ground pin of the device
returned to the negative side of the load.
Thermal Considerations
The LT1083 series of regulators have internal power and
thermal limiting circuitry designed to protect the device
under overload conditions. For continuous normal load
conditions however, maximum junction temperature rat-
ings must not be exceeded. It is important to give careful
consideration to all sources of thermal resistance from
junction to ambient. This includes junction-to-case,
folded back as input-to-output voltage increases. This
negative resistance can react with capacitors or inductors
on the input to cause oscillations during current limiting.
Depending on the value of series resistance, the overall
circuitry may end up unstable. Since this is a system
problem, it is not necessarily easy to solve; however it
does not cause any problems with the IC regulator and can
usually be ignored.
Protection Diodes
In normal operation the LT1083 family does not need any
protection diodes, The internal diode between the input
and the output pins of the LT1083 family can handle
microsecond surge currents of 50A to 100A. Even with
large output capacitances it is very difficult to get those
values of surge current in normal operation. Only with high
value output capacitors, such as 1000
μF to 5000μF and
with the input pin instantaneously shorted to ground, can
damage occur. A crowbar circuit at the input of the LT1083
can generate those kinds of currents and a diode from
output-to-input is then recommended. Normal power sup-
ply cycling or even plugging and unplugging in the system
will not generate currents large enough to do any damage.
IN
OUT
ADJ
VOUT
LT1083
D1
1N4002
(OPTIONAL)
VIN
1083/4/5 AI01
COUT
150
μF
+
Overload Recovery
Like any of the IC power regulators, the LT1083 has safe
area protection. The safe area protection decreases the
current limit as input-to-output voltage increases and
keeps the power transistor inside a safe operating region
for all values of input-to-output voltage. The LT1083
protection is designed to provide some output current at
all values of input-to-output voltage up to the device
breakdown.
When power is first turned on, as the input voltage rises,
the output follows the input, allowing the regulator to start
APPLICATIO S I FOR ATIO


Similar Part No. - LT1083MK-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1083MK-12 LINER-LT1083MK-12 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083MK-12 LINEAR-LT1083MK-12 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083MK-12 LINER-LT1083MK-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083MK-12 LINER-LT1083MK-12 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results

Similar Description - LT1083MK-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com