Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW0402KDYTA Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TNPW0402KDYTA
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402KDYTA Datasheet(HTML) 7 Page - Vishay Siliconix

  TNPW0402KDYTA Datasheet HTML 1Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 2Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 3Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 4Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 5Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 6Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 7Page - Vishay Siliconix TNPW0402KDYTA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.vishay.com
For technical questions contact: ff3aresistors@vishay.com
Document Number: 31006
72
Revision: 06-Jul-06
TNPW
Vishay
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
TEST AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, Generic specification (includes tests)
EN 140 400, Sectional specification (includes schedule for
qualification approval)
EN 140 401-801, Detail specification (includes schedule for
conformance inspection)
The following table contains only the most important tests.
For the full test schedule refer to the documents listed above.
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5202. The tests are carried out in
accordance with IEC 60068 and under standard atmospheric
conditions in accordance with IEC 60068-1, 5.3. Climatic
category LCT/UCT/56 (rated temperature range: Lower
Category Temperature, Upper Category Temperature; damp
heat, long term, 56 days) is valid. Unless otherwise specified
the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1 060 mbar).
The components are mounted for testing on boards in
accordance with EN 60115-1, 4.31 unless otherwise
specified. The parameters stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140 401-801. However, some
additional tests and a number of improvements against those
minimum requirements have been included.
TEST PROCEDURES AND REQUIREMENTS
TEST
CONDITIONS OF TEST
TEST RESULTS
TNPW0402 TO TNPW2512
TOLERANCES
± 0.1 %; ± 0.25 %
± 0.5 %; ± 1.0 %
< 100R
≥ 100R
Endurance Test at 70 °C
IEC 60115-1 4.25.1
1000 hours at 70 °C, 1.5 hours “ON”, 0.5 hours
“OFF”
≤ ± 0.1 %
≤ ± 0.05 %
≤ ± 0.25 %
Endurance at UCT
IEC 60115-1 4.25.3
1000 hours at 125
°C without load
≤ ± 0.1 %
≤ ± 0.05 %
≤ ± 0.5 %
Overload Test
IEC 60115-1 4.13
Short time overload for 2 seconds
2.5 x rated voltage or
≤ 2 x limiting element voltage
≤ ± 0.05 %
≤ ± 0.02 %
≤ ± 0.1 %
Thermal Shock
IEC 60115-1 4.19, IEC 60068-2-14
Rapid change between upper and lower
category temperature
≤ ± 0.05 %
≤ ± 0.02 %
≤ ± 0.1 %
Damp Heat Steady State
IEC 60115-1 4.24, IEC 60068-2-3
56 days at 40
°C and 93 % relative humidity
≤ ± 0.1 %
≤ ± 0.05 %
≤ ± 0.5 %
Resistance to Soldering Heat
IEC 60115-1 4.18, IEC 60068-2-20
10 seconds at 260
°C solder bath temperature
≤ ± 0.05 %
≤ ± 0.02 %
≤ ± 0.1 %
APPLICABLE SPECIFICATIONS
• CECC40000/40400
• EN140400
• EIA 575
• EN 140401-801
• EN 60115-1
• IEC 60286-3


Similar Part No. - TNPW0402KDYTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402KK32BEEA VISHAY-TNPW0402KK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEA0H VISHAY-TNPW0402KK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEC VISHAY-TNPW0402KK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEEC0H VISHAY-TNPW0402KK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402KK32BEED VISHAY-TNPW0402KK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402KDYTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com