Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070BA03049S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0070BA03049S
Description  70 MHz SAW Filter 2 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA03049S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0070BA03049S Datasheet HTML 1Page - API Technologies Corp SF0070BA03049S Datasheet HTML 2Page - API Technologies Corp SF0070BA03049S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
70 MHz SAW Filter
2 MHz Bandwidth
Part Number SF0070BA03049S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0070BA03049S Rev B
15-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
2
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
69.92
70.0
70.08
MHz
Insertion Loss
7.9
8.3
dB
1 dB Bandwidth
1.6
1.77
MHz
3 dB Bandwidth
2.0
2.24
MHz
40 dB Bandwidth
3.75
3.9
MHz
Passband Ripple (69.2 to 70.8 MHz)
0.7
1.0
dB p-p
Phase Ripple (69.2 to 70.8 MHz)
4.4
6
deg p-p
Group Delay Ripple (69.2 to 70.8 MHz)
280
340
ns p-p
Absolute Delay
1.80
us
Ultimate Rejection
40
43
dB
Temperature Coefficient of Frequency
-23
ppm/ºC
Substrate Material
112 LiTaO3
Source and Load Impedance
50
Ambient Temperature
25
ºC
Notes:
1. Average of the lower and upper 3 dB band edge frequencies.
2. All dB levels are referenced to the insertion loss.
3. Specifications are guaranteed at 25ºC only.
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q =
40)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values may change depending on board layout.
Ls1 = 220 nH
Ls2 = 180 nH
Lp1 =
91 nH
Lp2 =
68 nH
10
5
1
6
Input
50
Single ended
Output
50
Single ended


Similar Part No. - SF0070BA03049S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03049S ICST-SF0070BA03049S Datasheet
162Kb / 3P
   70 MHz SAW Filter 2 MHz Bandwidth
More results

Similar Description - SF0070BA03049S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03049S ICST-SF0070BA03049S Datasheet
162Kb / 3P
   70 MHz SAW Filter 2 MHz Bandwidth
logo
API Technologies Corp
SF0070CN02353S APITECH-SF0070CN02353S Datasheet
160Kb / 3P
   70 MHz SAW Filter 0.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0546BA03234S SPECTRUM-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03050S APITECH-SF0070BA03050S Datasheet
143Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
SF0546BA03234S APITECH-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
SF0070BA13048S APITECH-SF0070BA13048S Datasheet
183Kb / 3P
   70 MHz SAW Filter 1.5 MHz Bandwidth
SF0070CF51556T APITECH-SF0070CF51556T Datasheet
139Kb / 3P
   70 MHz SAW Filter 7 MHz Bandwidth
SF0070BA03039S APITECH-SF0070BA03039S Datasheet
150Kb / 3P
   70 MHz SAW Filter 20 MHz bandwidth
SF0070CD03096T APITECH-SF0070CD03096T Datasheet
177Kb / 3P
   70 MHz SAW Filter 0.75 MHz Bandwidth
SF0070BA03089S APITECH-SF0070BA03089S Datasheet
172Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com