Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070BA03089S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0070BA03089S
Description  70 MHz SAW Filter 10 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA03089S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0070BA03089S Datasheet HTML 1Page - API Technologies Corp SF0070BA03089S Datasheet HTML 2Page - API Technologies Corp SF0070BA03089S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
70 MHz SAW Filter
10 MHz Bandwidth
Part Number SF0070BA03089S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0070BA03089S Rev B
16-Feb-2010
ECN 36650
Page 1 of 3
DESCRIPTION
70 MHz SAW bandpass filter with 10 MHz bandwidth.
13.3 x 6.5 mm SMP.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal:
Frequency :
4
MHz/div
Vertical from Top:
Relative Magnitude :
10
dB/div
Relative magnitude :
1
dB/div
Phase Linearity :
10
deg/div
Group Delay Deviation :
100
ns/div
S11
S22


Similar Part No. - SF0070BA03089S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03027T ICST-SF0070BA03027T Datasheet
189Kb / 2P
   70 MHz Filter 2.5 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03027T APITECH-SF0070BA03027T Datasheet
173Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03028S ICST-SF0070BA03028S Datasheet
194Kb / 2P
   70 MHz Low Loss Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03028S APITECH-SF0070BA03028S Datasheet
198Kb / 2P
   70 MHz Low Loss Filter 8 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03031S ICST-SF0070BA03031S Datasheet
193Kb / 2P
   70 MHz Low Loss Filter 9 MHz Bandwidth
More results

Similar Description - SF0070BA03089S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51475T APITECH-SF0070CF51475T Datasheet
160Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51475T ICST-SF0070CF51475T Datasheet
191Kb / 2P
   70 MHz Filter 10 MHz Bandwidth
logo
API Technologies Corp
SF0070CN02353S APITECH-SF0070CN02353S Datasheet
160Kb / 3P
   70 MHz SAW Filter 0.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0546BA03234S SPECTRUM-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03050S APITECH-SF0070BA03050S Datasheet
143Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
SF0546BA03234S APITECH-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
SF0070BA13048S APITECH-SF0070BA13048S Datasheet
183Kb / 3P
   70 MHz SAW Filter 1.5 MHz Bandwidth
SF0070CF51556T APITECH-SF0070CF51556T Datasheet
139Kb / 3P
   70 MHz SAW Filter 7 MHz Bandwidth
SF0070BA03039S APITECH-SF0070BA03039S Datasheet
150Kb / 3P
   70 MHz SAW Filter 20 MHz bandwidth
SF0070CD03096T APITECH-SF0070CD03096T Datasheet
177Kb / 3P
   70 MHz SAW Filter 0.75 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com