Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22V10BQL-20PI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF22V10BQL-20PI
Description  High- Performance EE PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10BQL-20PI Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF22V10BQL-20PI Datasheet HTML 1Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 2Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 3Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 4Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 5Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 6Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 7Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 8Page - ATMEL Corporation ATF22V10BQL-20PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ATF22V10B
4
AC Waveforms(1)
Note:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Notes:
1. See ordering information for valid part numbers.
2. 5.5 ns for DIP package devices.
3. 111 MHz for DIP package devices.
AC Characteristics(1)
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
PD
Input or Feedback to
Combinatorial Output
3
7.5
3
103153
20
325
ns
t
CO
Clock to Output
2
4.5(2)
2
6.5
282
12
2
15
ns
t
CF
Clock to Feedback
2.5
2.5
2.5
8
13
ns
t
S
Input or Feedback Setup Time
3.5
4.5
10
14
15
ns
t
H
Hold Time
0
0
0
0
0
ns
F
MAX
External Feedback 1/(t
S + tCO)
125(3)
90
55.5
38.5
33.3
MHz
Internal Feedback 1/(t
S + tCF)
166
142
69
45.5
40
MHz
No Feedback 1/(t
WH + tWL)
166
142
83.3
38.5
MHz
t
W
Clock Width (t
WL and tWH)
3
3.5
6
10
13
ns
t
EA
Input or I/O to Output Enable
3
7.5
3
10
3
15
3
20
3
25
ns
t
ER
Input or I/O to Output Disable
3
7.5
3
9
3
15
3
20
3
25
ns
t
AP
Input or I/O to Asynchronous
Reset of Register
3
10
3
123203
22
325
ns
t
AW
Asynchronous Reset Width
7
8
15
20
25
ns
t
AR
Asynchronous Reset
Recovery Time
5
6
10
20
25
ns
t
SP
Setup Time, Synchronous Preset
4.5
6
10
14
15
ns
t
SPR
Synchronous Preset to
Clock Recovery Time
5
8
10
14
15
ns


Similar Part No. - ATF22V10BQL-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10BQL-20PI ATMEL-ATF22V10BQL-20PI Datasheet
537Kb / 15P
   Highperformance EE PLD
More results

Similar Description - ATF22V10BQL-20PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8B ATMEL-ATF20V8B Datasheet
758Kb / 17P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com