Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5692P Datasheet(PDF) 11 Page - ON Semiconductor

Part # LV5692P
Description  Multi-Power Supply System IC for Car Audio Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5692P Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LV5692P Datasheet HTML 6Page - ON Semiconductor LV5692P Datasheet HTML 7Page - ON Semiconductor LV5692P Datasheet HTML 8Page - ON Semiconductor LV5692P Datasheet HTML 9Page - ON Semiconductor LV5692P Datasheet HTML 10Page - ON Semiconductor LV5692P Datasheet HTML 11Page - ON Semiconductor LV5692P Datasheet HTML 12Page - ON Semiconductor LV5692P Datasheet HTML 13Page - ON Semiconductor LV5692P Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LV5692P
No.A1876-11/14
• How to set USB overcurrent limit value (OCP)
OCP of the USB works when the voltage of RSNS is under VCC-0.3V. The peak current value of OCP is calculated as
follws: Ipeak(A) =0.3/R3. (ex.) R3=0.1
Ω → Ipeak=3A
• Since this IC does not detect the heat generation of the external FET,
keep the temperature of the FET as low as possible so as not to exceed
the eatings.
• Recommended FET: 2SJ650.
(note)The above values were obtained under typcal conditions. The
values may fluctuate in manufacturing processes due to external
resistor and IC variation.
• Warning
The internal circuit of USBGT and RSNS consist of components that support 5V. Do not bias 7V or above between
VCC and these pins to prevent the IC from destruction.
Caution for implementing LV5692P to a system board
The package of LV5692P is HZIP15J which has some metal exposures other than connection pins and heatsink as shown in the
diagram below. The electrical potentials of (2) and (3) are the same as those of pin 15 and pin 1, respectively. (2) (=pin 15) is the VCC
pin and (3) (=pin 1) is the ILM (regulator) output pin. When you implement the IC to the set board, make sure that the bolts and the
heatsink are out of touch from (2) and (3). If the metal exposures touch the bolts which has the same electrical potential with GND,
GND short occurs in ILM output and VCC. The exposures of (1) are connected to heatsink which has the same electrical potential with
substrate of the IC chip (GND). Therefore, (1) and GND electrical potential of the set board can connect each other.
HZIP15J outline
Ipeak
Outout current
1
2
3
1
1
Heat-sink
Same potential
15PIN
Same potential
1PIN
Same potential
Heat-sink
Same potential
Heat-sink side
:Metal exposure
<Top view of HZIP15J>
Heat-sink side
Heat-sink
Same potential
:Metal exposure
<Side view of HZIP15J>


Similar Part No. - LV5692P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5692P ONSEMI-LV5692P Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results

Similar Description - LV5692P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV56801P ONSEMI-LV56801P Datasheet
205Kb / 14P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
   For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com