Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP3207D Datasheet(PDF) 11 Page - ON Semiconductor

Part No. ADP3207D
Description  7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

ADP3207D Datasheet(HTML) 11 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ADP3207D
http://onsemi.com
11
OUTPUT
VOLTAGE
SW1
SW2
SW3
Input = 12 V
44 A to 9 A
Figure 12. Load Transient
OUTPUT
VOLTAGE
SW1
SW2
SW3
Input = 12 V
2 A to 12 A
OUTPUT
VOLTAGE
SW1
SW2
SW3
Input = 12 V
12 A to 2 A
OUTPUT
VOLTAGE
SW1
SW2
SW3
Input = 12 V
2 A to 12 A
SW1
SW3
SW2
OUTPUT VOLTAGE
Input = 12 V
Output = 1.0 V
No Load
DPRSLP = Low
SW1
SW3
SW2
OUTPUT VOLTAGE
Input = 12 V
Output = 1.0 V
No Load
DPRSLP = Low
Figure 13. Single Phase Load Transient
Figure 14. Single Phase Load Transient
Figure 15. Single Phase Load Transient
Figure 16. PSI Transition
Figure 17. PSI Transition
TYPICAL PERFORMANCE CHARACTERISTICS
PSI
PSI


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn