Electronic Components Datasheet Search |
|
TNPW04029K09BYEA Datasheet(PDF) 7 Page - Vishay Siliconix |
|
TNPW04029K09BYEA Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 10 page www.vishay.com For technical questions, contact: thinfilmchip@vishay.com Document Number: 28758 342 Revision: 27-Jun-12 TNPW e3 Vishay High Stability Thin Film Flat Chip Resistors THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TEST AND REQUIREMENTS All tests are carried out in accordance with the following specifications: IEC 60115-1, generic specification (includes tests) EN 140400, sectional specification (includes schedule for qualification approval) EN 140401-801, detail specification (includes schedule for conformance inspection) The testing also covers most of the requirements specified by EIA/IS-703 and JIS-C-5202. The tests are carried out under standard atmospheric conditions in accordance with IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated temperature range: Lower category temperature, upper category temperature; damp heat, long term, 56 days) is valid. Unless otherwise specified the following values apply: Temperature: 15 °C to 35 °C Relative humidity: 45 % to 75 % Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar). The components are mounted for testing on boards in accordance with EN 60115-1, 4.31 unless otherwise specified. The parameters stated in the Test Procedures and Requirements table are based on the required tests and permitted limits of EN 140401-801. 10 000 V 1000 V 100 V 10 V 10 µs Pulse Duration t i 100 µs 1 ms 10 ms 100 ms 1 s 10 s TNPW1206 e3 TNPW0805 e3 TNPW0603 e3 Conditions: P i ≤ Pi, max. Maximum pulse voltage Ui, max. TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE Stability for product types: TNPW0402 e3 TNPW0603 e3 TNPW0805 e3 TNPW1206 e3 TNPW1210 e3 TNPW2010 e3 TNPW2512 e3 4.5 - Resistance ± 1 %; ± 0.5 %; ± 0.1 % 4.8.4.2 - Temperature coefficient At (20/- 55/20) C and (20/125/20) °C ± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K 4.25.1 - Endurance at 70 C U = or U = Umax.; whichever is the less severe; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.05 % R +0.01 ) 70 C; 8000 h ± (0.1 % R +0.02 ) 4.25.3 - Endurance at upper category temperature 125 °C; 1000 h 155 °C; 1000 h ± (0.05 % R + 0.01 ) ± (0.1 % R + 0.02 ) P 70 x R |
Similar Part No. - TNPW04029K09BYEA |
|
Similar Description - TNPW04029K09BYEA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |