Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2220SZ Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2220SZ
Description  Audio Dual Matched PNP Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220SZ Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2220SZ Datasheet HTML 4Page - Analog Devices SSM2220SZ Datasheet HTML 5Page - Analog Devices SSM2220SZ Datasheet HTML 6Page - Analog Devices SSM2220SZ Datasheet HTML 7Page - Analog Devices SSM2220SZ Datasheet HTML 8Page - Analog Devices SSM2220SZ Datasheet HTML 9Page - Analog Devices SSM2220SZ Datasheet HTML 10Page - Analog Devices SSM2220SZ Datasheet HTML 11Page - Analog Devices SSM2220SZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SSM2220
Data Sheet
Rev. C | Page 12 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN
Figure 23. 8-Lead Plastic Dual In-Line Package [PDIP]
(N-8)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 24. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2220PZ
–40°C to +85°C
8-Lead Plastic Dual In-Line Package [PDIP]
N-8
SSM2220S
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
SSM2220SZ
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
SSM2220SZ-REEL
–40°C to +85°C
8-Lead Standard Small Outline Package [SOIC_N]
R-8
1
Z = RoHS Compliant Part.
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03096-0-4/13(C)


Similar Part No. - SSM2220SZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2220S AD-SSM2220S Datasheet
427Kb / 8P
   Audio Dual Natched PNP transistor
More results

Similar Description - SSM2220SZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
   Audio Dual Matched PNP Transistor
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
REV. C
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
   Audio, Dual-Matched NPN Transistor
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
   Audio, Dual-Matched NPN Transistor
Rev. B
MAT12AHZ AD-MAT12AHZ Datasheet
271Kb / 12P
   Audio, Dual-Matched NPN Transistor
REV. 0
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
   Audio Dual Matched NPN Transistor
MAT03 AD-MAT03 Datasheet
254Kb / 12P
   Low Noise, Matched Dual PNP Transistor
REV. B
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
   Low Noise, Matched Dual PNP Transistor
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
   Low Noise, Matched Dual PNP Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com