Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I352HL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # I352HL
Description  Hinged top panel for 352HL and 352HS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

I352HL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  I352HL Datasheet HTML 1Page - List of Unclassifed Manufacturers I352HL Datasheet HTML 2Page - List of Unclassifed Manufacturers I352HL Datasheet HTML 3Page - List of Unclassifed Manufacturers I352HL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11.71
10.21
A
A
B
B
Open 325HL with bottom flanges (2 included)
and left hinged top plate.
Aluminum panels are not included.
For illustration only.
7.13
.33
325HL with bottom rotating feet (4 included)
8.75
(Bottom plate length)
10.04
(Top hinged plate lenght)
9.71
SECTION A-A
6.88
(Bottom
plate
lenght)
8.14
(Top
hinged
plate
lenght)
.44
(Boss
height)
5.76
(Top plate height)
6.82
Internal total clearance
6.00
Bottom height
7.84
SECTION B-B
Hinge for top plate
(mounted left or right)
-Material: UV stabilized Polycarbonate
Flammability UL 94 V-0
-Watertight enclosure meets or
exceed Nema 4 and or IP67.
PARTS INCLUDED
P/N
Qty.
Description
352 HLT
1
352 HL Top
350 HLB 1
350 HL Bottom
8300
1
300 O-ring
1304
2
Hinge pin
7011
2
710 / 720 /920 Safty Latch
7036
2
Latch pin
1305
2
350 Flange
1306
4
350 Feet
1307
2
350 Panel hinge pin
1308
1
350 Panel hinge A
1309
1
350 Panel hinge B
6028
4
SS #10 X 5/8" Pan H/L
I
352HL
Ph. (626) 331-0517 Fx. (626) 331-8584 serpac.com
2009 Wright Ave. La Verne, CA 91750
9/2/11
ALL DIMENSIONS ARE ± .010"


Similar Part No. - I352HL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
I350 INTEL-I350 Datasheet
8Mb / 1040P
   LAN Access Division (LAD)
March 2013
logo
ILLUMINANT CO., LTD
I3504-6HMT3224B ILLUMINANT-I3504-6HMT3224B Datasheet
509Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
logo
Intel Corporation
I350F2 INTEL-I350F2 Datasheet
1Mb / 6P
   Intel® Ethernet Server Adapter I350
I350F2BLK INTEL-I350F2BLK Datasheet
3Mb / 2P
   Ethernet Converged Network and Server Adapters Connectivity you can count on
I350F2BLK INTEL-I350F2BLK Datasheet
1Mb / 6P
   Intel® Ethernet Server Adapter I350
More results

Similar Description - I352HL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket
N060004 TRIPPLITE-N060004 Datasheet
471Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket
N060-001 TRIPPLITE-N060-001 Datasheet
156Kb / 2P
   1U Hinged Wall-Mount Patch Panel Bracket
logo
Bud Industries, Inc.
NBX-10915 BUD-NBX-10915 Datasheet
77Kb / 1P
   LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
logo
Tripp Lite. All Rights ...
N060-002 TRIPPLITE-N060-002 Datasheet
151Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket, TAA
N060-004 TRIPPLITE-N060-004 Datasheet
153Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket, TAA
SRWO8UBRKT TRIPPLITE-SRWO8UBRKT Datasheet
165Kb / 2P
   8U Wall-Mount Bracket for Small Switches and Patch Panels, Hinged
logo
HARTING Technology Grou...
09-14-024-0303 HARTING-09-14-024-0303 Datasheet
484Kb / 2P
   Hinged frame 24B for 6 modules (A..F)
2021-10-01
09-14-024-0313 HARTING-09-14-024-0313 Datasheet
493Kb / 2P
   Hinged frame 24B for 6 modules (a..f)
2021-10-01
logo
List of Unclassifed Man...
A8N86 ETC2-A8N86 Datasheet
641Kb / 2P
   Hinged-Cover Type 1 Boxes, Enclosures and Acc essories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com