Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3526 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SG3526
Description  PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SG3526 Datasheet(HTML) 1 Page - Motorola, Inc

  SG3526 Datasheet HTML 1Page - Motorola, Inc SG3526 Datasheet HTML 2Page - Motorola, Inc SG3526 Datasheet HTML 3Page - Motorola, Inc SG3526 Datasheet HTML 4Page - Motorola, Inc SG3526 Datasheet HTML 5Page - Motorola, Inc SG3526 Datasheet HTML 6Page - Motorola, Inc SG3526 Datasheet HTML 7Page - Motorola, Inc SG3526 Datasheet HTML 8Page - Motorola, Inc SG3526 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Device
Operating
Temperature Range
Package
SG3526
SEMICONDUCTOR
TECHNICAL DATA
PULSE WIDTH MODULATION
CONTROL CIRCUIT
ORDERING INFORMATION
SG3526N
TJ = 0° to +125°C
Plastic DIP
PIN CONNECTIONS
Order this document by SG3526/D
N SUFFIX
PLASTIC PACKAGE
CASE 707
18
1
(Top View)
+Error
Compensation
CSoft–Start
–CS
+CS
Shutdown
–Error
Reset
RT
RDeadtime
Sync
Output A
Ground
Output B
VCC
Vref
VC
CT
1
2
3
4
5
6
7
8
12
13
14
15
16
17
18
9
11
10
1
MOTOROLA ANALOG IC DEVICE DATA
Pulse Width Modulation
Control Circuit
The SG3526 is a high performance pulse width modulator integrated
circuit intended for fixed frequency switching regulators and other power
control applications.
Functions included in this IC are a temperature compensated voltage
reference, sawtooth oscillator, error amplifier, pulse width modulator, pulse
metering and steering logic, and two high current totem pole outputs ideally
suited for driving the capacitance of power FETs at high speeds.
Additional protective features include soft start and undervoltage lockout,
digital current limiting, double pulse inhibit, adjustable dead time and a data
latch for single pulse metering. All digital control ports are TTL and B–series
CMOS compatible. Active low logic design allows easy wired–OR
connections for maximum flexibility. The versatility of this device enables
implementation in single–ended or push–pull switching regulators that are
transformerless or transformer coupled. The SG3526 is specified over a
junction temperature range of 0
° to +125°C.
8.0 V to 35 V Operation
5.0 V ±1% Trimmed Reference
1.0 Hz to 400 kHz Oscillator Range
Dual Source/Sink Current Outputs: ±100 mA
Digital Current Limiting
Programmable Dead Time
Undervoltage Lockout
Single Pulse Metering
Programmable Soft–Start
Wide Current Limit Common Mode Range
Guaranteed 6 Unit Synchronization
Representative Block Diagram
Vref
VCC
Ground
Sync
RDeadtime
RT
CT
Reset
CSoft–Start
Compensation
+Error
–Error
+C.S.
–C.S.
Shutdown
18
17
15
12
11
9
10
5
4
3
1
2
7
6
8
Reference
Regulator
Soft
Start
VCC
Amp
Under–
Voltage
Lockout
Metering
F/F
Memory
F/F
Toggle
F/F
S
D
Q
Q
S
RQ
T
Q
Q
14
VC
13
Output
A
16
Output
B
To Internal
Circuitry
Oscillator
+
+
+
© Motorola, Inc. 1996
Rev 2


Similar Part No. - SG3526

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Microsemi Corporation
SG3526 MICROSEMI-SG3526 Datasheet
182Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
267Kb / 9P
   Pulse Width Modulation Control Circuit
July, 2006 ??Rev. 4
logo
Microsemi Corporation
SG3526 MICROSEMI-SG3526 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526B MICROSEMI-SG3526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG3526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com