Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB15ANP4-FA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FB15ANP4-FA
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FB15ANP4-FA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FB15ANP4-FA Datasheet HTML 1Page - List of Unclassifed Manufacturers FB15ANP4-FA Datasheet HTML 2Page - List of Unclassifed Manufacturers FB15ANP4-FA Datasheet HTML 3Page - List of Unclassifed Manufacturers FB15ANP4-FA Datasheet HTML 4Page - List of Unclassifed Manufacturers FB15ANP4-FA Datasheet HTML 5Page - List of Unclassifed Manufacturers FB15ANP4-FA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series SB
3 Amp Momentary Pushbuttons
www.nkk.com
C42
C
IMPORTANT:
Switches are supplied without UL,
cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when
ordered with marking on the switch.
Specific models, ratings, & ordering in-
structions are noted on General Specifi-
cations page.
TYPICAL SWITCH ORDERING EXAMPLE
Plunger Colors
No Code
Black
C
Red
M
SB40
Metric Threaded Bushing
SPST OFF-(ON)
Normally Open Circuit
Pole & Circuits
Normally Open
11NO SPST OFF (ON)
Normally Closed
11NC SPST ON (OFF)
( ) = Momentary
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
SB4011NOM
Slip-On Cap & Colors
No Code
Without Cap
2A
Black
2B
White
2C
Red
2E
Yellow
2F
Green
2G
Blue
Standard Black Plunger
without Slip-on Cap
11NO
Bushings
M
Metric Threaded M12 P1
H
Inch Threaded 15/32-32 NS
Silver Contacts with
3-Amp Rating
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
not actually on the switch.
SP
SB4011NO
OFF
(ON)
OPEN
1-2
SPST
SB4011NC
ON
(OFF)
1-2
OPEN
POLE & CIRCUITS
12
NO
NC
12
Contact Materials & Ratings
No
Code
Silver Contacts
3A @ 125V AC or 2A @ 250V DC
G
Gold Contacts
0.4VA max. @ 28V AC/DC max.


Similar Part No. - FB15ANP4-FA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FB15ANP4-FA NKK-FB15ANP4-FA Datasheet
100Kb / 4P
   .5 Amp Momentary Pushbuttons
More results

Similar Description - FB15ANP4-FA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com