Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST4401T116 Datasheet(PDF) 2 Page - Rohm

Part # SST4401T116
Description  NPN Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SST4401T116 Datasheet(HTML) 2 Page - Rohm

  SST4401T116 Datasheet HTML 1Page - Rohm SST4401T116 Datasheet HTML 2Page - Rohm SST4401T116 Datasheet HTML 3Page - Rohm SST4401T116 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SST4401 / MMST4401
Transistors
Rev.B
2/3
Electrical characteristic curves
0
50
100
10
0
5
IB=0
µA
100
200
400
500
600
300
Ta=25
°C
COLLECTOR-EMITTER VOLTAGE : VCE(V)
Fig.1 Grounded emitter output
characteristics
0.1
10
1.0
100
1000
100
1000
10
Ta
=25°C
VCE
=10V
1V
COLLECTOR CURRENT : Ic(mA)
Fig.3 DC current gain vs. collector current(
Ι)
1.0
10
100
1000
0.2
0.3
0.1
0
Ta
=25°C
IC / IB
=10
COLLECTOR CURRENT : Ic(mA)
Fig.2 Collector-emitter saturation
voltage vs. collector current
0.1
10
1.0
100
1000
100
1000
10
Ta
=125°C
VCE
=10V
25
°C
−55
°C
COLLECTOR CURRENT : Ic(
mA)
Fig.4 DC current gain vs. collector current(
ΙΙ)
0.1
10
1.0
100
1000
100
1000
10
Ta
=25°C
VCE
=10V
f
=1kHz
COLLECTOR CURRENT : Ic(
mA)
Fig.5 AC current gain vs. collector current
1.0
10
100
1000
0.8
1.2
1.8
1.6
0.4
0
Ta
=25°C
IC / IB
=10
COLLECTOR CURRENT : Ic(mA)
Fig.6 Base-emitter saturation
voltage vs. collector current


Similar Part No. - SST4401T116

ManufacturerPart #DatasheetDescription
logo
Rohm
SST4401T116 ROHM-SST4401T116 Datasheet
104Kb / 4P
   NPN Medium Power Transistor
More results

Similar Description - SST4401T116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1893 PHILIPS-2N1893 Datasheet
51Kb / 8P
   NPN medium power transistor
1997 Apr 17
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Rohm
UMT4401 ROHM-UMT4401 Datasheet
80Kb / 3P
   NPN Medium Power Transistor
logo
Guangdong Kexin Industr...
BC868 KEXIN-BC868 Datasheet
53Kb / 2P
   NPN Medium Power Transistor
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
117Kb / 8P
   NPN medium power transistor
logo
Diodes Incorporated
BC56-16PA DIODES-BC56-16PA Datasheet
376Kb / 7P
   NPN MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
2SD882 STMICROELECTRONICS-2SD882 Datasheet
92Kb / 8P
   NPN MEDIUM POWER TRANSISTOR
October 2007 Rev 3
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
40Kb / 2P
   NPN Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SC2411KPT CHENMKO-2SC2411KPT Datasheet
97Kb / 3P
   Medium Power NPN Transistor
logo
Rohm
SST2222AHZG ROHM-SST2222AHZG Datasheet
1Mb / 8P
   NPN Medium Power Transistor
logo
SHIKUES Electronics
BCX71 SKTECHNOLGY-BCX71 Datasheet
550Kb / 2P
   NPN medium power transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com