Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-522MUWT86 Datasheet(PDF) 2 Page - Rohm

Part # SML-522MUWT86
Description  2-color type LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-522MUWT86 Datasheet(HTML) 2 Page - Rohm

  SML-522MUWT86 Datasheet HTML 1Page - Rohm SML-522MUWT86 Datasheet HTML 2Page - Rohm SML-522MUWT86 Datasheet HTML 3Page - Rohm SML-522MUWT86 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100
10
1
FORWARD VOLTAGE : VF (V)
1.6
2.0
1.8
2.2
2.4
2.6
Ta=25°C
100
10
1
FORWARD VOLTAGE:VF (V)
1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Ta=25°C
SML522BUW(U)
SML522BUW(B)
SML-522MUW(U)
SML-522MUW(M)
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.2
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
FORWARD CURRENT : IF (mA)
Ta=25°C
0
0.5
1.0
1.5
0
5
10
15
25
20
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
100
10
1
FORWARD VOLTAGE:VF (V)
1.0
1.5
2.0
2.5
3.0
Ta=25°C
SML-521MUW(U)
SML-521MDW(D)
SML-521MYW(Y)
SML-521MUW(M)
SML-521MDW(M)
SML-521MYW(M)
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.6
1.2
1.0
0.8
0.6
0.2
0.4
-40
-20
0
20
40
60
80
100
1.8
IF=5mA
FORWARD CURRENT:IF (mA)
Ta=25°C
0
5
10
15
20
4.0
3.0
2.0
1.0
0
AMBIENT TEMPERATURE:Ta (
°C)
0
10
20
30
-40
-20
0
20
40
60
80
100
SML-521MUW(U)
SML-521MDW(D)
SML-521MYW(Y)
SML-521MUW(M)
SML-521MDW(M)
SML-521MYW(M)
SML-521MUW(U)
SML-521MDW(D)
SML-521MYW(Y)
SML-521MUW(M)
SML-521MDW(M)
SML-521MYW(M)
SML-521MUW(U)
SML-521MDW(D)
SML-521MYW(Y)
SML-521MUW(M)
SML-521MDW(M)
SML-521MYW(M)
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-52 Series
SML522BUW(B)
SML522BUW(U)
SML-522MUW
SML522BUW(B)
SML522BUW(U)
SML-522MUW
SML522BUW(B)
SML522BUW(U)
SML-522MUW
SML-522MU8W
SML-522MD8W
SML-522MY8W
SML-522MU8W(U)
SML-522MU8W(M)
SML-522MD8W(M)
SML-522MY8W(M)
SML-522MD8W(D)
FORWARD CURRENT
:I
F
(mA)
0
40
20
80
60
100
120
0
5
10
15
20
Ta=25°C
SML-522MU8W(U)
SML-522MD8W(D)
SML-522MU8W(M)
SML-522MD8W(M)
SML-522MY8W(M)
SML-522MY8W(Y)
SML-522MU8W
SML-522MD8W
SML-522MY8W
2/3
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2012.11 - Rev.C


Similar Part No. - SML-522MUWT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   Abundant 2 color variations
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com