Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTQ020N05TR Datasheet(PDF) 8 Page - Rohm

Part # RTQ020N05TR
Description  Nch 45V 2A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ020N05TR Datasheet(HTML) 8 Page - Rohm

Back Button RTQ020N05TR Datasheet HTML 4Page - Rohm RTQ020N05TR Datasheet HTML 5Page - Rohm RTQ020N05TR Datasheet HTML 6Page - Rohm RTQ020N05TR Datasheet HTML 7Page - Rohm RTQ020N05TR Datasheet HTML 8Page - Rohm RTQ020N05TR Datasheet HTML 9Page - Rohm RTQ020N05TR Datasheet HTML 10Page - Rohm RTQ020N05TR Datasheet HTML 11Page - Rohm RTQ020N05TR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RTQ020N05
lElectrical characteristic curves
10
100
1000
0.1
1
10
VGS= 2.5V
Pulsed
Ta=125ºC
Ta=75ºC
Ta=25ºC
Ta= -25ºC
1
10
100
1000
0.01
0.1
1
10
100
Coss
Crss
Ciss
Ta = 25ºC
f = 1MHz
VGS = 0V
1
10
100
1000
0.01
0.1
1
10
Ta=25ºC
VDD= 25V
VGS= 4.5V
RG=10W
Pulsed
tr
tf
td(on)
td(off)
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Ta=25ºC
VDD= 25V
ID= 2.0A
RG=10W
Pulsed
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current(IV)
Drain Current : ID [A]
Fig.18 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : VDS [V]
Fig.19 Switching Characteristics
Drain Current : ID [A]
Fig.20 Dynamic Input Characteristics
Total Gate Charge : Qg [nC]
8/11
2012.10 - Rev.B


Similar Part No. - RTQ020N05TR

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RTQ020N05TR VBSEMI-RTQ020N05TR Datasheet
391Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - RTQ020N05TR

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR020N05HZG ROHM-RTR020N05HZG Datasheet
2Mb / 15P
   Nch 45V 2A Small Signal MOSFET
RTR020N05FRA ROHM-RTR020N05FRA Datasheet
2Mb / 14P
   Nch 45V 2A Small Signal MOSFET
RTQ020N05HZG ROHM-RTQ020N05HZG Datasheet
2Mb / 15P
   Nch 45V 2A Small Signal MOSFET
RTQ020N05FRA ROHM-RTQ020N05FRA Datasheet
2Mb / 14P
   Nch 45V 2A Small Signal MOSFET
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
QS6K21FRA ROHM-QS6K21FRA Datasheet
1Mb / 14P
   Nch 45V 1A Power MOSFET
RSS070N05FRA ROHM-RSS070N05FRA Datasheet
2Mb / 14P
   Nch 45V 7A Power MOSFET
RVQ040N05FRA ROHM-RVQ040N05FRA Datasheet
786Kb / 14P
   Nch 45V 4A Power MOSFET
RD3H200SNFRA ROHM-RD3H200SNFRA Datasheet
2Mb / 15P
   Nch 45V 20A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com