Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXU-LC53 Datasheet(PDF) 4 Page - Fox Electronics

Part # FXU-LC53
Description  LVDS 5 x 3.2mm 3.3V Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXU-LC53 Datasheet(HTML) 4 Page - Fox Electronics

  FXU-LC53 Datasheet HTML 1Page - Fox Electronics FXU-LC53 Datasheet HTML 2Page - Fox Electronics FXU-LC53 Datasheet HTML 3Page - Fox Electronics FXU-LC53 Datasheet HTML 4Page - Fox Electronics FXU-LC53 Datasheet HTML 5Page - Fox Electronics FXU-LC53 Datasheet HTML 6Page - Fox Electronics FXU-LC53 Datasheet HTML 7Page - Fox Electronics FXU-LC53 Datasheet HTML 8Page - Fox Electronics FXU-LC53 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY SPECIFICATIONS
FXU-LC53 Series
Page 4 of 11
© 2014 FOX ELECTRONICS | ISO9001:2008 Certified
An Integrated Device Technology, Inc. company
Note1
An optional PIN # 2 as Enable / Disable is available – see Model Selection Guide (page 2)
Output Wave Characteristics
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Differential Output Voltage
VOD
100 MHz ~ 156.25 MHz
+0.5V Typical
Output Offset Voltage
VOS
100 MHz ~ 156.25 MHz
+1.25V Typical
Output Symmetry
@ 50% VP-P Level (See Drawing Below)
100 MHz ~ 156.25 MHz
49.5% ~ 50.5% Typical
Output Enable
Note1
(PIN # 1) Voltage
VIH
≥ 70% VDD
Output Disable
Note1
(PIN # 1) Voltage
VIL
≤ 30% VDD
Cycle Rise Time
(20%~80%VP-P - See Drawing Below)
TR
100 MHz ~ 156.25 MHz
275 pS Typical
Cycle Fall Time
(80%~20%VP-P - See Drawing Below)
TF
100 MHz ~ 156.25 MHz
275 pS Typical


Similar Part No. - FXU-LC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC510R FOX-FXU-LC510R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC515R FOX-FXU-LC515R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC516R FOX-FXU-LC516R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXU-LC518R FOX-FXU-LC518R Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
More results

Similar Description - FXU-LC53

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX5LSBBF120 FOX-FX5LSBBF120 Datasheet
921Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FXO-LC53 FOX-FXO-LC53 Datasheet
330Kb / 15P
   LVDS 5 x 3.2mm 3.3V Oscillator
FVXO-LC53 FOX-FVXO-LC53 Datasheet
333Kb / 15P
   LVDS 5 x 3.2mm 3.3V VCXO
FXU-LC52 FOX-FXU-LC52 Datasheet
644Kb / 11P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO_LC52 FOX-FXO_LC52 Datasheet
328Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXU-LC51 FOX-FXU-LC51 Datasheet
646Kb / 11P
   LVDS 5 x 3.2mm 1.8V Oscillator
FXO-LC52 FOX-FXO-LC52 Datasheet
334Kb / 15P
   LVDS 5 x 3.2mm 2.5V Oscillator
FXO-PC53 FOX-FXO-PC53 Datasheet
329Kb / 15P
   LVPECL 5 x 3.2mm 3.3V Oscillator
FXU-PC53 FOX-FXU-PC53 Datasheet
292Kb / 11P
   LVPECL 5 x 3.2mm 3.3V Oscillator
logo
List of Unclassifed Man...
FXO-HC536R-125 ETC2-FXO-HC536R-125 Datasheet
369Kb / 15P
   HCMOS 5 x 3.2mm 3.3V Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com