Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRH040P03TB1 Datasheet(PDF) 9 Page - Rohm

Part # RRH040P03TB1
Description  Pch -30V -4A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRH040P03TB1 Datasheet(HTML) 9 Page - Rohm

Back Button RRH040P03TB1 Datasheet HTML 4Page - Rohm RRH040P03TB1 Datasheet HTML 5Page - Rohm RRH040P03TB1 Datasheet HTML 6Page - Rohm RRH040P03TB1 Datasheet HTML 7Page - Rohm RRH040P03TB1 Datasheet HTML 8Page - Rohm RRH040P03TB1 Datasheet HTML 9Page - Rohm RRH040P03TB1 Datasheet HTML 10Page - Rohm RRH040P03TB1 Datasheet HTML 11Page - Rohm RRH040P03TB1 Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRH040P03
lElectrical characteristic curves
0.01
0.1
1
10
0
0.5
1
1.5
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
VGS = 0V
Fig.20 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : -VDS [V]
Fig.22 Dynamic Input Characteristics
Total Gate Charge : Qg [nC]
Fig.21 Switching Characteristics
Drain Current : -ID [A]
Fig.23 Source Current
vs. Source Drain Voltage
Source-Drain Voltage : -VDS [V]
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
Ta = 25ºC
VDD= -15V
ID= -4.0A
RG=10W
1
10
100
1000
10000
0.01
0.1
1
10
Ta = 25ºC
VDD= -15V
VGS= -10V
RG=10W
tr
tf
td(on)
td(off)
10
100
1000
10000
0.01
0.1
1
10
100
Ta = 25ºC
f=1MHz
VGS=0V
Ciss
Coss
Crss
9/11
2012.06 - Rev.C


Similar Part No. - RRH040P03TB1

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03 ROHM-RRH040P03 Datasheet
226Kb / 6P
   4V Drive Pch MOSFET
More results

Similar Description - RRH040P03TB1

ManufacturerPart #DatasheetDescription
logo
Rohm
RRR040P03FRA ROHM-RRR040P03FRA Datasheet
783Kb / 14P
   Pch -30V -4A Power MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
   Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
RF4L040AT ROHM-RF4L040AT Datasheet
2Mb / 14P
   Pch -60V -4A Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com