Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ1E070RPTR Datasheet(PDF) 8 Page - Rohm

Part # RQ1E070RPTR
Description  Pch -30V -7A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1E070RPTR Datasheet(HTML) 8 Page - Rohm

Back Button RQ1E070RPTR Datasheet HTML 4Page - Rohm RQ1E070RPTR Datasheet HTML 5Page - Rohm RQ1E070RPTR Datasheet HTML 6Page - Rohm RQ1E070RPTR Datasheet HTML 7Page - Rohm RQ1E070RPTR Datasheet HTML 8Page - Rohm RQ1E070RPTR Datasheet HTML 9Page - Rohm RQ1E070RPTR Datasheet HTML 10Page - Rohm RQ1E070RPTR Datasheet HTML 11Page - Rohm RQ1E070RPTR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RQ1E070RP
lElectrical characteristic curves
1
10
100
1000
0.1
1
10
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
VGS = -4.5V
1
10
100
1000
0.1
1
10
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
VGS = -10V
1
10
100
1000
0.1
1
10
VGS = -4.0V
Ta = 125ºC
Ta = 75ºC
Ta = 25ºC
Ta = -25ºC
Fig.16 Static Drain - Source On - State
Resistance vs. Drain Current(III)
Drain Current : -ID [A]
Fig.15 Static Drain - Source On - State
Resistance vs. Drain Current(II)
Drain Current : -ID [A]
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current(IV)
Drain Current : -ID [A]
8/11
2012.11 - Rev.C


Similar Part No. - RQ1E070RPTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RP ROHM-RQ1E070RP Datasheet
351Kb / 6P
   4V Drive Pch MOSFET
RQ1E070RPFRA ROHM-RQ1E070RPFRA Datasheet
797Kb / 14P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
More results

Similar Description - RQ1E070RPTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RPFRA ROHM-RQ1E070RPFRA Datasheet
797Kb / 14P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
RSS070P05FRA ROHM-RSS070P05FRA Datasheet
2Mb / 14P
   Pch -45V -7A Power MOSFET
RS3P070AT ROHM-RS3P070AT Datasheet
2Mb / 14P
   Pch -100V -7A Power MOSFET
20221229 - Rev.002
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com