Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA510 Datasheet(PDF) 1 Page - Fox Electronics

Part # FA510
Description  1.8V HCMOS Automotive Grade SMD Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FA510 Datasheet(HTML) 1 Page - Fox Electronics

  FA510 Datasheet HTML 1Page - Fox Electronics FA510 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 | Asia Hong Kong Tel: +852.2854.4285 | Japan Tel: +81.3.3374.2079
© 2012 FOX ELECTRONICS | ISO9001:2008 Certified
FEATURES
• AEC-Q200 Qualified
• TS-16949 Certified
• Temperature range from -40ºC ~ +125ºC
• Seam Seal
• Tape and Reel (1,000 pcs. STD)
Frequency
Stability1
±100PPM
±100PPM
±50PPM
±50PPM
±25PPM
Operating
Temperature (ºC)
-40 ~ +85
-40 ~ +125
-40 ~ +85
-40 ~ +125
-40 ~ +85
Frequency
Range (MHz)
2.000 ~ 48.000
2.000 ~ 48.000
2.000 ~ 48.000
2.000 ~ 48.000
2.000 ~ 48.000
FA510R
FA510
FA515R
FA515
FA516R
Model
Number
1 Inclusive of 25ºC tolerance, operating temperature range.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
3 45/55 symmetry available on an inquiry basis.
Notes: A 0.01µF bypass capacitor should be placed between Vdd (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
vary. All specifications subject to change without notice.
2.000 ~ 48.000 MHz
-55ºC ~ +150ºC
1.8V ± 5%
5 mA
6 mA
15 mA
40% ~ 60%3
6.5nS
10% Vdd
90% Vdd Min
2mA Min
-2mA Min
15pF
10µA
10mS
100nS
10mS
±5 PPM
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
2.000 ~ 9.999999 MHz
10.000 ~ 31.999999 MHz
32.000 ~ 48.000 MHz
Output Symmetry (50% Vdd)
Rise/Fall Time
(10% ~ 90% Vdd
LeveLs)
Output Voltage
(VoL)
(Voh)
Output Current
(IoL)
(Ioh)
Output Load
(HCMOS)
Standby Current
(Ist)
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
Aging (per year @
25C)
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAbLE / DISAbLE FUnCTIOn
(Pin 1)
OPEN 2
'1' Level Vih
≥ 80% Vdd
'0' Level ViL
≤ 20% Vdd
Part Number
552A-Frequency-xxxxx
551A-Frequency-xxxxx
554A-Frequency-xxxxx
553A-Frequency-xxxxx
556A-Frequency-xxxxx
• PART nUMbER SELECTIOn
1.8V HCMOS Automotive Grade SMD Oscillator
Rev. 2/27/2012
RoHS Compliant / Pb Free / REACH Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FA510 SERIES
Page 1 of 2
5.2 Max
1.3 Max
S olde r P a d L a y out
R e c om m ended
3.4 Max
2.54
1.2
P in C onne c tions
#1 E/D
#2 GnD
#3 Output
#4 V DD
1.0
2.25
1.24
2.54
1.29
# 1
# 2
# 4
# 3
# 1
# 2
# 3
# 4
# 1


Similar Part No. - FA510

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA510

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA4500 FOX-FA4500 Datasheet
404Kb / 2P
   1.8V HCMOS Automotive Grade SMD Oscillator
FA4400 FOX-FA4400 Datasheet
404Kb / 2P
   2.5V HCMOS Automotive Grade SMD Oscillator
FA540 FOX-FA540 Datasheet
372Kb / 2P
   2.5V HCMOS Automotive Grade SMD Oscillator
FA4100 FOX-FA4100 Datasheet
404Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F110 FOX-F110 Datasheet
491Kb / 2P
   HCMOS 2.0x1.6mm 1.8V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
   HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com