Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D94L4B Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D94L4B
Description  4 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D94L4B Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D94L4B Datasheet HTML 1Page - Frequency Devices, Inc. D94L4B Datasheet HTML 2Page - Frequency Devices, Inc. D94L4B Datasheet HTML 3Page - Frequency Devices, Inc. D94L4B Datasheet HTML 4Page - Frequency Devices, Inc. D94L4B Datasheet HTML 5Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D94 Series
1 Hz to 400 kHz*
Low Noise Fixed Frequency
4 - Pole Single Power Supply
Anti-Aliasing Low-Pass Filters
1
1784 Chessie Lane, Ottawa, Illinois 61350
• Tel:800/252-7074, 815/434-7800 • FAX:815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Description:
The D94 Series of small 4-pole fixed-frequency,
precision active filters provide high performance
linear active filtering in a compact package, with a
broad range of corner frequencies and a choice
of Butterworth or Bessel transfer functions. These
filters are designed to work with up to 16 Bit A/D
converters. These fully self-contained units
require no external components or adjustments.
Each model comes factory tuned to a user-
specified corner frequency between 1 Hz and 400
kHz* and operate with low total harmonic
distortion over a wide dynamic input voltage
range from non-critical single +5VDC to +18VDC
power supply. Each filter has a built in internal
+6VDC and -6VDC power supplies to power the
filter.
Features/Benefits:
Low harmonic distortion and wide signal–
to–noise ratio to 16 bit resolution.
Available with Single or Differential inputs.
Available with DC coupled or AC coupled
inputs. (The AC corner frequency is a
single pole at 2 Hz.)
Compact 1.5"L x 2.0"W x 0.4"H minimizes
board space requirements.
Plug–in ready–to–use, reducing
engineering design and manufacturing
cycle time.
Factory tuned, no external clocks or
adjustments needed.
Available in Butterworth or Bessel transfer
functions to meet a wide range of
applications.
Requires a single +5V to +18V power
supply to operate (The module generates
± 6 VDC internally to operate the filter).
One to one offset input that works with
your A/Ds reference output to set the
output of the filter in the center of your
A/Ds input range.
Available with built in gains from 0 dB to
60 dB.
* Bessel 1 Hz to 200 Khz
Applications
Anti–alias filtering
Data acquisition systems
Communication systems and electronics
Medical electronics equipment and research
Aerospace, navigation and sonar applications
Sound and vibration testing
Acoustic and vibration analysis and control
Noise elimination
Signal reconstruction
Available Low-Pass Models:
D94L4B
4-Pole Butterworth
D94L4L
4-Pole Bessel


Similar Part No. - D94L4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D940 ETC2-D940 Datasheet
45Kb / 8P
   Control/Communicators
D9412 ETC2-D9412 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
D9412G ETC2-D9412G Datasheet
45Kb / 8P
   Control/Communicators
logo
PETERMANN-TECHNIK
D942 PETERMANN-D942 Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
logo
Intel Corporation
D945GCLF INTEL-D945GCLF Datasheet
2Mb / 84P
   Technical Product Specification
More results

Similar Description - D94L4B

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D92 FREQUENCYDEVICES-D92 Datasheet
206Kb / 5P
   2 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D98 FREQUENCYDEVICES-D98 Datasheet
202Kb / 5P
   8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D96 FREQUENCYDEVICES-D96 Datasheet
201Kb / 5P
   6 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
   Anti-aliasing and reconstruction filters
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Frequency Devices, Inc.
D100L FREQUENCYDEVICES-D100L Datasheet
363Kb / 7P
   4- and 8- Pole Low-Pass Filters
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
   HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
   HDTV ANTI-ALIASING FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com