Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5743P3 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T5743P3
Description  UHF ASK/FSK Receiver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5743P3 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T5743P3 Datasheet HTML 6Page - ATMEL Corporation T5743P3 Datasheet HTML 7Page - ATMEL Corporation T5743P3 Datasheet HTML 8Page - ATMEL Corporation T5743P3 Datasheet HTML 9Page - ATMEL Corporation T5743P3 Datasheet HTML 10Page - ATMEL Corporation T5743P3 Datasheet HTML 11Page - ATMEL Corporation T5743P3 Datasheet HTML 12Page - ATMEL Corporation T5743P3 Datasheet HTML 13Page - ATMEL Corporation T5743P3 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
T5743
4569A–RKE–12/02
Figure 9. Generation of the Basic Clock Cycle
Pin MODE can now be set in accordance with the desired clock cycle TClk. TClk controls
the following application relevant parameters:
Timing of the polling circuit including bit check
Timing of the analog and digital signal processing
Timing of the register programming
Frequency of the reset marker
IF filter center frequency (fIF0)
Most applications are dominated by two transmission frequencies: fSend = 315 MHz is
mainly used in USA, fSend = 433.92 MHz in Europe. In order to ease the usage of all TClk-
dependent parameters on this electrical characteristics display three conditions for each
parameter.
Application USA (fXTO = 4.90625 MHz, MODE = L, TClk = 2.0383 µs)
Application Europe (fXTO = 6.76438 MHz, MODE = H, TClk = 2.0697 µs)
Other applications (TClk is dependent on fXTO and on the logical state of Pin MODE.
The electrical characteristic is given as a function of TClk).
The clock cycle of some function blocks depends on the selected baud-rate range
(BR_Range) which is defined in the OPMODE register. This clock cycle TXClk is defined
by the following formulas for further reference:
BR_Range = BR_Range0:
TXClk = 8 ´ TClk
BR_Range1:
TXClk = 4 ´ TClk
BR_Range2:
TXClk = 2 ´ TClk
BR_Range3:
TXClk = 1 ´ TClk
Polling Mode
According to Figure 10, the receiver stays in polling mode in a continuous cycle of three
different modes. In sleep mode the signal processing circuitry is disabled for the time
period T
Sleep while consuming low current of IS =ISoff. During the start-up period, TStartup,
all signal processing circuits are enabled and settled. In the following bit-check mode,
the incoming data stream is analyzed bit by bit contra a valid transmitter signal. If no
valid signal is present, the receiver is set back to sleep mode after the period T
Bit-check.
This period varies check by check as it is a statistical process. An average value for
T
Bit-check is given in the electrical characteristics. During TStartup and TBit-check the current
consumption is I
S =ISon. The condition of the receiver is indicated on Pin IC_ACTIVE.
The average current consumption in polling mode is dependent on the duty cycle of the
active mode and can be calculated as:
DVCC
XTO
MODE
T
f
16
15
14
Clk
XTO
XTO
Divider
:14/:10
L : USA(:10)
H: Europe(:14)


Similar Part No. - T5743P3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
   UHF ASK Receiver
T5744-TGQ ATMEL-T5744-TGQ Datasheet
257Kb / 19P
   UHF ASK Receiver
T5744-TGS ATMEL-T5744-TGS Datasheet
257Kb / 19P
   UHF ASK Receiver
T5744-TKQ ATMEL-T5744-TKQ Datasheet
257Kb / 19P
   UHF ASK Receiver
T5744-TKS ATMEL-T5744-TKS Datasheet
257Kb / 19P
   UHF ASK Receiver
More results

Similar Description - T5743P3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
   UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
   UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
   UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
   UHF ASK/FSK Receiver
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
   UHF ASK/FSK Receiver
logo
ATMEL Corporation
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
   UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
   UHF ASK/FSK Receiver
ATA8201 ATMEL-ATA8201 Datasheet
552Kb / 44P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com