Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS68302 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TS68302
Description  Integrated Multiprotocol Processor IMP
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TS68302 Datasheet HTML 3Page - ATMEL Corporation TS68302 Datasheet HTML 4Page - ATMEL Corporation TS68302 Datasheet HTML 5Page - ATMEL Corporation TS68302 Datasheet HTML 6Page - ATMEL Corporation TS68302 Datasheet HTML 7Page - ATMEL Corporation TS68302 Datasheet HTML 8Page - ATMEL Corporation TS68302 Datasheet HTML 9Page - ATMEL Corporation TS68302 Datasheet HTML 10Page - ATMEL Corporation TS68302 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
7
TS68302
2117A–HIREL–11/02
Design and Construction
Terminal Connections
Depending on the package, the terminal connections shall be as shown in Figure 2 and
Figure 3.
Lead Material and Finish
Lead material and finish shall be any option of MIL-M-38535.
Package
The macrocircuits are packaged in hermetically sealed ceramic packages, which con-
form to case outlines of MIL-M-38535 appendix A (when defined):
132-pin Ceramic Pin Grid Array (PGA),
132-pin Ceramic Quad Flat Pack (CERQUAD).
The precise case outlines are described in Figure 2 and Figure 3.
Electrical Characteristics
Notes:
1. The values shown are typical. The typical value varies as shown, based on how many IMP on-chip peripherals are enabled
and the rate at which they are clocked.
2. LPREC = 0. Divider = 2.
3. LPREC = 1. Divider = 1024.
4. The stated frequency must be externally applied to EXTAL only after the IMP has been placed in the lowest power mode
with LPREC = 1. The 68000 core is not specified to operate at this frequency, but the rest of the IMP is. In this configuration,
the user does not divide the clock internally using the LPCD4-LPCD0 bits in the system control register.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
P
D
Power Dissipation (typical at 16.67 MHz)
(1)
53
64
mA
PD
Power Dissipation (typical at 8 MHz)
(1)
26
31
mA
LP
D
Low Power Mode Dissipation (typical at 16.67 MHz)
(2)
36
mA
LP
D
Lowest Power Mode Dissipation (typical at 16.67 MHz)
(3)
32
mA
LPD
Lowest Power Mode Dissipation (typical at 50 MHz)
(4)
1mA
Unless otherwise stated, all voltages are referenced to the reference terminal (see Table 1).
Table 3. Recommended Condition of Use
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage
4.5
5.5
V
VIL
Low Level Input Voltage
-0.3
+0.5
V
V
IH
High Level Input Voltage
2.4
5.5
V
T
case
Operating Temperature
-55
+125
°C
tr(c)
Clock Rise Time - See Figure 5
5
ns
t
f(c)
Clock Fall Time Resistance - Figure 5
5
ns
f
c
Clock Frequency - See Figure 5
8
16.67
MHz
tcyc
Cycle Time - See Figure 5
60
125
ns


Similar Part No. - TS68302

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Similar Description - TS68302

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
   Low Cost Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
   Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
   Quad HDLC Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
   Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
   Integrated Multiprotocol Processor with Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com