Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS68302 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. TS68302
Description  Integrated Multiprotocol Processor IMP
Download  47 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

TS68302 Datasheet(HTML) 6 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
TS68302
2117A–HIREL–11/02
Signal Descriptions
The input and output signals of the TS68302 are organized into functional groups as
shown in Table 1. Refer to TS68302 Integrated Multiprotocol Processor User’s Manual,
for detailed information on the TS68302 signals.
Scope
This drawing describes the specific requirements for the processor TS68302, 16.67
MHz, in compliance either with MIL-STD-883 class B or with Atmel standards.
Applicable
Documents
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-M-38535: general specifications for microcircuits.
3.
Desc Drawing: 5962-93159 (planned).
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Table 1. Signal Definitions
Functional Group
Signals
Number
Clocks
XTAL, EXTAL, CLKO
3
System Control
RESET, HALT, BERR, BUSW, DISCPU
5
Address Bus
A23-A1
23
Data Bus
D15-D0
16
Bus Control
AS, R/W, UDS/A0, LDS/DS, DTACK
5
Bus Control
RMC, IAC, BCLR
3
Bus Arbitration
BR, BG, BGACK
3
Interrupt Control
IPL2-IPL0, FC2-FC0, AVEC
7
NMSI1/ISDN I/F
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, BRG1
8
NMSI2/PIO
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, SDS2
8
NMSI3/SCP/PIO
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, PA12
8
IDMA/PAIO
DREQ, DACK, DONE
3
IACK/PBIO
IACK7, IACK6, IACK1
3
Timer/PBIO
TIN2, TIN1, TOUT2, TOUT1, WDOG
5
PBIO
PB11-PB8
4
Chip Select
CS3-CS0
4
Testing
FRZ (2 Spare)
3
V
DD
Power supply
8
GND
Ground connection
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn