Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0077BA03082S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0077BA03082S
Description  76.8 MHz SAW Filter 14.24 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0077BA03082S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0077BA03082S Datasheet HTML 1Page - API Technologies Corp SF0077BA03082S Datasheet HTML 2Page - API Technologies Corp SF0077BA03082S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
76.8 MHz SAW Filter
14.24 MHz Bandwidth
Part Number SF0077BA03082S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0077BA03082S Rev A
18-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc, fixed reference)
-
76.80
-
MHz
Operating Bandwidth
-
14.24
-
MHz
Insertion Loss at Fc
-
12.7
14
dB
Lower 35 dB Frequency
64.3
66.2
-
MHz
Upper 35 dB Frequency
-
88.5
89.3
MHz
Amplitude Ripple
1
-
0.5
1
dB p-p
Phase Linearity
1
-
3
8
deg p-p
Group Delay Variation
1
-
45
100
ns p-p
Absolute Delay
-
1.1
1.5
µs
Triple Travel Suppression
35
45
-
dB
Rejection (0.3 to 7 MHz)
40
49
-
dB
Rejection (7 to 54 MHz)
45
53
-
dB
Rejection (54 to 64.3 MHz)
2
40
50
-
dB
Rejection (89.3 to 100 MHz
2
40
45
-
dB
Rejection (100 to 130 MHz)
2
45
50
-
dB
Rejection (130 to 178 MHz)
2
45
50
-
dB
Rejection (178 to 300 MHz)
2
45
50
-
dB
Input and Output Return Loss
1,5
9
10
-
dB
Two-tone Input 3
rd Order Intercept 3
35
-
-
dBm
Source and Load Impedance
-
50
-
Ambient Temperature
-
25
-
˚C
Notes:
1. Applies over the operating bandwidth.
2. Rejection is relative to the insertion loss.
3. Measured with tones spaced at 10 and 20 MHz above and below Fc.
4. All parameters to be met over the operating temperature range except Return Loss.
5. Room temperature only
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
95
˚C
Operating Temperature Range
4
-10
85
˚C
Input Power Level
-
17
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 45)
Notes:
1. Recommend the use of
+/-2% tolerance components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
220
nH
Ls2 =
238
nH
Lp1
=
270
nH
Lp2 =
560
nH
Rp1 = 1000
Rp2 = 1000
Input
50
Single-ended
Output
50
Single-ended


Similar Part No. - SF0077BA03082S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0077BA03000S APITECH-SF0077BA03000S Datasheet
182Kb / 3P
   76.8 MHz SAW Filter 20 MHz Bandwidth
More results

Similar Description - SF0077BA03082S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0078BA03113S APITECH-SF0078BA03113S Datasheet
162Kb / 3P
   77.8 MHz SAW Filter 14.24 MHz Bandwidth
SF0077BA03185S APITECH-SF0077BA03185S Datasheet
156Kb / 3P
   76.8 MHz SAW Filter 40 MHz Bandwidth
SF0077BA03192S APITECH-SF0077BA03192S Datasheet
149Kb / 3P
   76.8 MHz SAW Filter 40 MHz Bandwidth
SF0077BA03000S APITECH-SF0077BA03000S Datasheet
182Kb / 3P
   76.8 MHz SAW Filter 20 MHz Bandwidth
SF0077BA02499S APITECH-SF0077BA02499S Datasheet
160Kb / 3P
   76.8 MHz SAW Filter 20 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
   240 MHz SAW Filter 1.23 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
   130 MHz SAW Filter 18 MHz Bandwidth
SF0115BA03227S APITECH-SF0115BA03227S Datasheet
158Kb / 3P
   115.2 MHz SAW Filter 3.84 MHz Bandwidth
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com