Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CE15 Datasheet(PDF) 15 Page - Altera Corporation

Part # EP4CE15
Description  Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE15 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EP4CE15 Datasheet HTML 11Page - Altera Corporation EP4CE15 Datasheet HTML 12Page - Altera Corporation EP4CE15 Datasheet HTML 13Page - Altera Corporation EP4CE15 Datasheet HTML 14Page - Altera Corporation EP4CE15 Datasheet HTML 15Page - Altera Corporation EP4CE15 Datasheet HTML 16Page - Altera Corporation EP4CE15 Datasheet HTML 17Page - Altera Corporation EP4CE15 Datasheet HTML 18Page - Altera Corporation EP4CE15 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–15
Operating Conditions
December 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
LVDS
(Column
I/Os)
2.375
2.5
2.625
100
0.05
DMAX  500 Mbps
1.80
247
600
1.125
1.25
1.375
0.55
500 Mbps
 D
MAX
 700 Mbps
1.80
1.05
DMAX > 700 Mbps
1.55
BLVDS (Row
I/Os) (4)
2.375
2.5
2.625
100
BLVDS
(Column
I/Os) (4)
2.375
2.5
2.625
100
mini
-LVDS
(Row I/Os)
(5)
2.375
2.5
2.625
300
600
1.0
1.2
1.4
mini
-LVDS
(Column
I/Os) (5)
2.375
2.5
2.625
300
600
1.0
1.2
1.4
RSDS® (Row
I/Os) (5)
2.375
2.5
2.625
100
200
600
0.5
1.2
1.5
RSDS
(Column
I/Os) (5)
2.375
2.5
2.625
100
200
600
0.5
1.2
1.5
PPDS (Row
I/Os) (5)
2.375
2.5
2.625
100
200
600
0.5
1.2
1.4
PPDS
(Column
I/Os) (5)
2.375
2.5
2.625
100
200
600
0.5
1.2
1.4
Notes to Table 1–20:
(1) For an explanation of terms used in Table 1–20, refer to “Glossary” on page 1–37.
(2) VIN range: 0 V  VIN  1.85 V.
(3) RL range: 90  RL  110  .
(4) There are no fixed VIN, VOD, and VOS specifications for BLVDS. They depend on the system topology.
(5) The Mini
-LVDS, RSDS, and PPDS standards are only supported at the output pins.
(6) The LVPECL I/O standard is only supported on dedicated clock input pins. This I/O standard is not supported for output pins.
Table 1–20. Differential I/O Standard Specifications for Cyclone IV Devices (1) (Part 2 of 2)
I/O Standard
VCCIO (V)
VID (mV)
VIcM (V) (2)
VOD (mV) (3)
VOS (V) (3)
Min
Typ
Max
Min
Max
Min
Condition
Max
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP4CE15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE15 ALTERA-EP4CE15 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE15 ALTERA-EP4CE15 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE15 ALTERA-EP4CE15 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE15 ALTERA-EP4CE15 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15 ALTERA-EP4CE15 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CE15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX22BF14C6N ALTERA-EP4CGX22BF14C6N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22F17I7N ALTERA-EP4CE22F17I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23I7N ALTERA-EP4CGX75CF23I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com