Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3160DCKT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3160DCKT
Description  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DCKT Datasheet(HTML) 4 Page - Texas Instruments

  TS5A3160DCKT Datasheet HTML 1Page - Texas Instruments TS5A3160DCKT Datasheet HTML 2Page - Texas Instruments TS5A3160DCKT Datasheet HTML 3Page - Texas Instruments TS5A3160DCKT Datasheet HTML 4Page - Texas Instruments TS5A3160DCKT Datasheet HTML 5Page - Texas Instruments TS5A3160DCKT Datasheet HTML 6Page - Texas Instruments TS5A3160DCKT Datasheet HTML 7Page - Texas Instruments TS5A3160DCKT Datasheet HTML 8Page - Texas Instruments TS5A3160DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TS5A3160
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNC,
0
V+
V
range
VNO
25°C
0.8
1.1
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
4.5 V
resistance
ICOM = –100 mA,
See Figure 13
Full
1.5
25°C
0.7
0.9
ON-state
VNO or VNC = 2.5 V,
Switch ON,
ron
4.5 V
resistance
ICOM = –100 mA,
See Figure 13
Full
1.1
ON-state
25°C
0.05
0.1
resistance
VNO or VNC = 2.5 V,
Switch ON,
match
Δron
4.5 V
ICOM = –100 mA,
See Figure 13
Full
0.1
between
channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25°C
0.15
ICOM = –100 mA,
See Figure 13
ON-state
resistance
ron(flat)
4.5 V
VNO or VNC = 1 V, 1.5 V,
25°C
0.1
0.25
Switch ON,
flatness
2.5 V,
See Figure 13
Full
0.25
ICOM = –100 mA,
VNC or VNO = 1 V,
25°C
–20
2
20
INC(OFF),
VCOM = 4.5 V,
Switch OFF,
5.5 V
nA
NC, NO
INO(OFF)
or
See Figure 14
Full
–100
100
OFF leakage
VNO = 4.5 V, VCOM = 1 V,
current
25°C
–1
0.2
1
INC(PWROFF),
VNC or VNO = 0 to 5.5 V,
Switch OFF,
0 V
μA
INO(PWROFF)
VCOM = 5.5 V to 0,
See Figure 14
Full
–20
20
NC, NO
25°C
–20
2
20
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
5.5 V
nA
INO(ON)
VCOM = Open,
See Figure 15
Full
–100
100
current
COM
25°C
–1
0.1
1
VCOM = 0 to 5.5 V,
Switch OFF,
OFF leakage
ICOM(PWROFF)
0 V
μA
VNC or VNO = 5.5 V to 0,
See Figure 14
Full
–20
20
current
VCOM = 1 V,
25°C
–20
2
20
COM
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
or
5.5 V
nA
See Figure 15
Full
–100
100
current
VCOM = 4.5 V,
VNC or VNO = Open,
Digital Control Input (IN)(2)
Input logic
VIH
Full
2.4
5.5
V
high
Input logic low
VIL
Full
0
0.8
V
25°C
–2
0.2
Input leakage
IIH, IIL
VI = 5.5 V or 0
5.5 V
μA
current
Full
100
100
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Link(s): TS5A3160


Similar Part No. - TS5A3160DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160DCKT TI-TS5A3160DCKT Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DCKT TI1-TS5A3160DCKT Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
TS5A3160DCKTE4 TI-TS5A3160DCKTE4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DCKTG4 TI-TS5A3160DCKTG4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DCKTG4 TI1-TS5A3160DCKTG4 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
More results

Similar Description - TS5A3160DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com