Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3160DBVTE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TS5A3160DBVTE4
Description  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DBVTE4 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A3160DBVTE4 Datasheet HTML 1Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 2Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 3Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 4Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 5Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 6Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 7Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 8Page - Texas Instruments TS5A3160DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TS5A3160
www.ti.com
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY
(1)
(continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
5 V
2
3.5
6
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
4.5 V to
RL = 50 Ω,
See Figure 17
Full
1
8
5.5 V
25°C
5 V
3
8.5
13
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
4.5 V to
RL = 50 Ω,
See Figure 17
Full
2
15
5.5 V
25°C
5 V
2
7
12
Make-before-
VCOM = V+,
CL = 35 pF,
tMBB
ns
5 V to
break time
RL = 50 Ω,
See Figure 18
Full
2
15
5.5 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25°C
5 V
36.5
pC
injection
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 16
25°C
5 V
18
pF
CNO(OFF)
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
ON
See Figure 16
25°C
5 V
55
pF
CNO(ON)
Switch ON,
capacitance
COM
VCOM = V+ or GND,
ON
CCOM(ON)
See Figure 16
25°C
5 V
55
pF
Switch ON,
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
5 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25°C
5 V
100
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 20
25°C
5 V
–64
dB
f = 10 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 20
25°C
5 V
–64
dB
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
5 V
0.004
%
distortion
CL = 50 pF,
See Figure 23
Supply
25°C
10
50
Positive supply
I+
VI = V+ or GND
5.5 V
nA
current
Full
500
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5A3160


Similar Part No. - TS5A3160DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160DBVTE4 TI-TS5A3160DBVTE4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DBVTE4 TI1-TS5A3160DBVTE4 Datasheet
1Mb / 31P
[Old version datasheet]   SPDT Analog Switch
More results

Similar Description - TS5A3160DBVTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com