Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3160DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TS5A3160DBVRG4
Description  5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3160DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TS5A3160DBVRG4 Datasheet HTML 1Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 2Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 3Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 4Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 5Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 6Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 7Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 8Page - Texas Instruments TS5A3160DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TS5A3160
www.ti.com
SCDS216C – OCTOBER 2005 – REVISED MARCH 2012
ABSOLUTE MINIMUM AND MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNC
VNO
Analog voltage range(3) (4) (5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNC, VNO, VCOM < 0
–50
mA
INC
On-state switch current
–200
200
INO
VNC, VNO, VCOM = 0 to V+
mA
On-state peak switch current(6)
–400
400
ICOM
VI
Digital input voltage range(3) (4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
mA
DBV package
165
θJA
Package thermal impedance(7)
°C/W
DCK package
259
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A3160


Similar Part No. - TS5A3160DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160DBVRG4 TI-TS5A3160DBVRG4 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3160DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153 Datasheet
277Kb / 21P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com