Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8B-15PC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF20V8B-15PC
Description  High- Performance EE PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8B-15PC Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF20V8B-15PC Datasheet HTML 1Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 2Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 3Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 4Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 5Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 6Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 7Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 8Page - ATMEL Corporation ATF20V8B-15PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
Industry Standard Architecture
– Emulates Many 24-Pin PALs
®
– Low Cost Easy-to-Use Software Tools
High-Speed Electrically Erasable Programmable Logic Devices
– 7.5 ns Maximum Pin-to-Pin Delay
Several Power Saving Options
CMOS and TTL Compatible Inputs and Outputs
Input and I/O Pull-Up Resistors
Advanced Flash Technology
– Reprogrammable
– 100% Tested
High Reliability CMOS Process
– 20 Year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200 mA Latchup Immunity
Commercial and Industrial Temperature Ranges
Dual-in-Line and Surface Mount Packages in Standard Pinouts
Block Diagram
Device
I
CC, Stand-By
I
CC, Active
ATF20V8B
50 mA
55 mA
ATF20V8BQ
35 mA
40 mA
ATF20V8BQL
5 mA
20 mA
High-
Performance
EE PLD
ATF20V8B
Rev. 0407E–05/98
Pin Configurations
Pin Name
Function
CLK
Clock
I
Logic Inputs
I/O
Bidirectional Buffers
OE
Output Enable
*
No Internal Connection
V
CC
+5V Supply
TSSOP Top View
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
IN
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN
OE/IN
DIP/SOIC
PLCC Top View


Similar Part No. - ATF20V8B-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B-15PC ATMEL-ATF20V8B-15PC Datasheet
667Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF20V8B-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com